Electronic Components Datasheet Search
  English  ▼

X  

MAX686 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX686
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX686 Datasheet HTML 3Page - Maxim Integrated Products MAX686 Datasheet HTML 4Page - Maxim Integrated Products MAX686 Datasheet HTML 5Page - Maxim Integrated Products MAX686 Datasheet HTML 6Page - Maxim Integrated Products MAX686 Datasheet HTML 7Page - Maxim Integrated Products MAX686 Datasheet HTML 8Page - Maxim Integrated Products MAX686 Datasheet HTML 9Page - Maxim Integrated Products MAX686 Datasheet HTML 10Page - Maxim Integrated Products MAX686 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
_______________________________________________________________________________________
7
_____________________________Typical Operating Characteristics (continued)
(Circuits of Figures 1 and 2, VCC = VDD = VIN = +5V, L1 = 22µH, SHDN = VCC, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
VOUT
5V/div
-16.8V
0V
POWER-UP RESPONSE
(NEGATIVE CONFIGURATION)
MAX686 TOC14A
500
µs
SHDN
5V/div
ISET = VCC
RL = 4.7kΩ
VOUT
5V/div
-16.8V
0V
POWER-DOWN RESPONSE
(NEGATIVE CONFIGURATION)
MAX686 TOC14B
20ms/div
SHDN
5V/div
ISET = VCC
RL = 4.7kΩ
Reference Output. Bypass with a 0.1µF ceramic capacitor to GND.
REF
9
Feedback Input. Connect to an external voltage divider to set the MAX686 output voltage. See the section
Setting the Output Voltage with the DAC.
FB
10
Power-OK Sense Input/Power-OK Comparator Input. When the voltage applied to POK is greater than
1.125V, LCDON is low. Connect to a resistive voltage divider monitoring VIN or VOUT.
POK
11
IC Power-Supply Input
VCC
12
Ground
GND
13
Gate-Drive Supply for Internal MOSFET. Connect to VCC.
VDD
5
Set LX Current Limit. Sets the peak current limit for the internal switch. Connect to VCC for 500mA current
limit. Connect to GND for 250mA current limit.
ISET
6
Shutdown Input. A logic low on SHDN places the MAX686 in shutdown mode. Connect to VCC for normal
operation.
SHDN
7
DAC Output Voltage
DACOUT
8
Polarity Input. Changes polarity and threshold of FB to allow regulation of either positive or negative output
voltages. POL also changes the polarity of the DAC output such that increasing codes always increases the
magnitude of the output voltage. Set POL = GND for positive output voltage, or set POL = VCC for negative
output voltage.
POL
4
Decrement Output Voltage Input. Decrements the DAC on each rising edge such that
|VOUT| decreases.
DN
3
PIN
Increment Output Voltage Input. Increments the DAC on each rising edge such that
|VOUT| increases.
UP
2
Power Ground. Connect to GND.
PGND
1
FUNCTION
NAME
Power-OK Comparator Open-Drain Output. Connect to external switch to turn LCD power on or off. See the
section
Controlling the LCD Using POK and LCDON.
LCDON
14
No Connection. Not internally connected.
N.C.
15
Drain of Internal 28V, 500mA N-Channel Switch
LX
16
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com