Electronic Components Datasheet Search
  English  ▼

X  

MAX686 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX686
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX686 Datasheet HTML 1Page - Maxim Integrated Products MAX686 Datasheet HTML 2Page - Maxim Integrated Products MAX686 Datasheet HTML 3Page - Maxim Integrated Products MAX686 Datasheet HTML 4Page - Maxim Integrated Products MAX686 Datasheet HTML 5Page - Maxim Integrated Products MAX686 Datasheet HTML 6Page - Maxim Integrated Products MAX686 Datasheet HTML 7Page - Maxim Integrated Products MAX686 Datasheet HTML 8Page - Maxim Integrated Products MAX686 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
4
_______________________________________________________________________________________
ISET = VCC
A
0.4
0.6
SHDN = GND
ILX
LX Switch Current Limit
POL = GND, VFB = 1.3V, IDACOUT = 0mA
ISET = GND
VCC = VDD = 5V, ILX = 100mA
0.2
0.3
Ω
1.2
VLX = 28V
Rising or falling
µA
1.5
CONDITIONS
ILXLEAK
LX Leakage Current
RLX
LX On-Resistance
VCC = VDD = 3.3V, ILX = 100mA
1.6
µs
7.5
12.5
tON
Maximum LX On-Time
POL = GND, VFB > 1.2V
µs
0.7
1.3
tOFF
Minimum LX Off-Time
POL = VCC, VFB < 0.15V
2.8
4.2
POL = GND, VFB < 0.8V
3.8
6.2
POL = VCC, VFB > 0.4V
3.8
6.2
µA
4
ISHDN
Shutdown Current
µA
125
ICC + IDD
V
2.7
5.5
VCC, VDD
Supply Voltage (Note 1)
Supply Current
V
28
VLX
LX Voltage Range
V
2.10
2.65
VLOCK
VCC Undervoltage Lockout
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS
(VCC = VDD = VIN = +5V, CREF = 0.1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
Note 1: The MAX686 requires a supply voltage at VCC = VDD between +2.7V and +5.5V; however, the voltage that supplies the
inductor can vary from +0.8V to +27.5V, depending on circuit operating conditions.
Note 2: The DAC output is set to its midpoint value at power-on.
Note 3: The DAC setting is guaranteed to remain valid as long as VCC is greater than the VCC DAC Reset Threshold.
Note 4: Specifications to -40°C are guaranteed by design, not production tested.
VCC = VDD = 2.7V to 5.5V, no load
V
1.22
1.28
VREF
REF Output Voltage
IREF = 0µA to 25µA, CREF = 0.1µF
mV
10
REF Load Regulation
POL = GND
V
1.22
1.28
VFB
FB Set Point
POL = VCC
-15
15
nA
±50
IFB
FB Input Bias Current
VPOK rising
V
1.05
1.20
VPOK
POK Threshold
nA
±50
IPOK
POK Input Current
V LCDON = 0.4V, VPOK = 1.25V
mA
2
ILCDON
LCDON Sink Current
mV
Voltage applied to L1
V
0.8
VOUT
VIN
Input Voltage
-50µA < IDACOUT < 0µA
V
VREF -
VREF +
0.02
0.02
VFS
Full-Scale Output Voltage
0µA < IDACOUT < 20µA
mV
0
15
VZS
Zero-Scale Output Voltage
Bits
6
Resolution
Mid-scale = VREF x 32/63
%
-3
3
MSA
Mid-Scale Accuracy
2.7V < VCC = VDD < 5.5V
V
0.7
VIL
Input Low Level
2.7V < VCC = VDD < 5.5V
V
2.4
VIH
Input High Level
µA
±1
IBIAS
Input Bias Current
LX
REFERENCE AND FB INPUT
POWER OK COMPARATOR, LCDON OUTPUT
LOGIC INPUTS: POL, ISET, UP, DN, SHDN
DAC OUTPUT (Notes 2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com