Electronic Components Datasheet Search
  English  ▼

X  

AMC1200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1200 Datasheet HTML 1Page - Texas Instruments AMC1200 Datasheet HTML 2Page - Texas Instruments AMC1200 Datasheet HTML 3Page - Texas Instruments AMC1200 Datasheet HTML 4Page - Texas Instruments AMC1200 Datasheet HTML 5Page - Texas Instruments AMC1200 Datasheet HTML 6Page - Texas Instruments AMC1200 Datasheet HTML 7Page - Texas Instruments AMC1200 Datasheet HTML 8Page - Texas Instruments AMC1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
0V
250mV
2.55V
2V
1.29V
2V
5V
3.3V
GND1
GND2
VDD1
VDD2
VOUTP
VOUTN
VINP
VINN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
AMC1200, AMC1200B
SBAS542D – APRIL 2011 – REVISED JULY 2015
AMC1200/B Fully-Differential Isolation Amplifier
1 Features
3 Description
The AMC1200 and AMC1200B are precision isolation
1
•
±250-mV Input Voltage Range Optimized for
amplifiers with an output separated from the input
Shunt Resistors
circuitry by a silicon dioxide (SiO2) barrier that is
•
Very Low Nonlinearity: 0.075% Maximum at 5 V
highly resistant to magnetic interference. This barrier
•
Low Offset Error: 1.5 mV Maximum
has been certified to provide galvanic isolation of up
to
4250
VPEAK
(AMC1200B)
or
4000
VPEAK
•
Low Noise: 3.1 mVRMS Typical
(AMC1200) according to UL1577 and VDE V 0884-
•
Low High-Side Supply Current:
10. Used in conjunction with isolated power supplies,
8 mA Maximum at 5 V
these devices prevent noise currents on a high
•
Input Bandwidth: 60 kHz Minimum
common mode voltage line from entering the local
ground and interfering with or damaging sensitive
•
Fixed Gain: 8 (0.5% accuracy)
circuitry.
•
High Common Mode Rejection Ratio: 108 dB
The input of the AMC1200 or AMC1200B is optimized
•
3.3-V Operation on Low-Side
for direct connection to shunt resistors or other low
•
Certified Galvanic Isolation:
voltage
level
signal
sources.
The
excellent
–
UL1577 and VDE V 0884-10 Approved
performance of the device supports accurate current
control resulting in system-level power saving and,
–
Isolation Voltage: 4250 VPEAK (AMC1200B)
especially in motor-control applications, lower torque
–
Working Voltage: 1200 VPEAK
ripple. The common mode voltage of the output
–
Transient Immunity: 10 kV/µs Minimum
signal is automatically adjusted to either the 3-V or
5-V low-side supply.
•
Typical 10-Year Lifespan at Rated Working
Voltage (see Application Report SLLA197)
The AMC1200 and AMC1200B are fully specified
•
Fully Specified Over the Extended Industrial
over the extended industrial temperature range of
Temperature Range
–40°C to 105°C and are available in a wide-body
SOIC-8 package (DWV) and a gullwing-8 package
(DUB).
2 Applications
•
Shunt Resistor Based Current Sensing in:
Device Information(1)
–
Motor Control
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Green Energy
SOP (8)
9.50 mm × 6.57 mm
AMC1200,
AMC1200B
–
Frequency Inverters
SOIC (8)
5.85 mm × 7.50 mm
–
Uninterruptible Power Supplies
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
AMC1200 TI-AMC1200 Datasheet
511Kb / 23P
Fully-Differential Isolation Amplifier
AMC1200 TI2-AMC1200 Datasheet
1Mb / 34P
AMC1200/B Fully-Differential Isolation Amplifier
REVISED JULY 2015
AMC1200-Q1 TI1-AMC1200-Q1 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
AMC1200-Q1 TI2-AMC1200-Q1 Datasheet
1Mb / 34P
AMC1200/B Fully-Differential Isolation Amplifier
REVISED JULY 2015
More results

Similar Description - AMC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
Fully-Differential Isolation Amplifier for Energy Metering
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
Fully Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
Fully Differential Isolation Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
Texas Instruments
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
Fully-Differential Isolation Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com