Electronic Components Datasheet Search
  English  ▼

X  

AMC1200 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC1200 Datasheet HTML 13Page - Texas Instruments AMC1200 Datasheet HTML 14Page - Texas Instruments AMC1200 Datasheet HTML 15Page - Texas Instruments AMC1200 Datasheet HTML 16Page - Texas Instruments AMC1200 Datasheet HTML 17Page - Texas Instruments AMC1200 Datasheet HTML 18Page - Texas Instruments AMC1200 Datasheet HTML 19Page - Texas Instruments AMC1200 Datasheet HTML 20Page - Texas Instruments AMC1200 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
RIN
R2
R1
L1
L2
G
=G
+
ERRTOT
ERR
R
2
R
IN
Time(2 s/div)
m
200mV/div
500mV/div
500mV/div
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
Typical Applications (continued)
8.2.1.3 Application Curve
In frequency inverter applications the power switches must be protected in case of an overcurrent condition. To
allow fast powering off of the system, low delay caused by the isolation amplifier is required. Figure 34 shows the
typical full-scale step response of the AMC1200.
Figure 34. Typical Step Response of the AMC1200
8.2.2 Isolated Voltage Measurement
The AMC1200 and AMC1200B can also be used for isolated voltage measurement applications, as shown in a
simplified way in Figure 35. In such applications, usually a resistor divider (R1 and R2 in Figure 35) is used to
match the relatively small input voltage range of the AMC device. R2 and the input resistance RIN of the
AMC1200 also create a resistance divider that results in additional gain error. With the assumption that R1 and
RIN have a considerably higher value than R2, the resulting total gain error can be estimated using Equation 1:
where
•
GERR = the gain error of AMC device.
(1)
Figure 35. Voltage Measurement Application
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com