Electronic Components Datasheet Search
  English  ▼

X  

AMC1200 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC1200 Datasheet HTML 14Page - Texas Instruments AMC1200 Datasheet HTML 15Page - Texas Instruments AMC1200 Datasheet HTML 16Page - Texas Instruments AMC1200 Datasheet HTML 17Page - Texas Instruments AMC1200 Datasheet HTML 18Page - Texas Instruments AMC1200 Datasheet HTML 19Page - Texas Instruments AMC1200 Datasheet HTML 20Page - Texas Instruments AMC1200 Datasheet HTML 21Page - Texas Instruments AMC1200 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
VOUTP
VOUTN
VDD2
GND2
GND1
VINN
VINP
VDD1
AMC1200
HV+
HV-
to load
Floating
Power Supply
20 V
3.3 V, or 5.0 V
RSHUNT
Gate Driver
Gate Driver
5.1 V
R1
800
Z1
1N751A
C1
0.1F
R2
12
R3
12
C3
330pF
C4
0.1F
ADS7263
AMC1200, AMC1200B
SBAS542D – APRIL 2011 – REVISED JULY 2015
www.ti.com
9 Power Supply Recommendations
In a typical frequency inverter application, the high-side power supply for the AMC1200 (VDD1) is derived from
the system supply, as shown in Figure 36. For lowest cost, a Zener diode can be used to limit the voltage to 5 V
± 10%. TI recommends using a 0.1-µF, low-ESR decoupling capacitor for filtering this power-supply. TI also
recommends using a 0.1-µF decoupling capacitor for filtering the power-supply on the VDD2 side. For best
performance, place these capacitors (C1 and C4) as close as possible to the VDD1 and VDD2 pins respectively.
If better filtering is required, an additional 1-µF to 10-µF capacitor can be used in parallel to C1 and C4.
Figure 36. Zener Diode Based High-Side Supply
For higher power efficiency and better performance, a buck converter can be used; an example of such an
approach is based on the LM5017. A reference design including performance test results and layout
documentation can be downloaded at PMP9480, Isolated Bias Supplies + Isolated Amplifier Combo for Line
Voltage or Current Measurement.
10 Layout
10.1 Layout Guidelines
A layout recommendation showing the critical placement of the decoupling capacitors that be placed as close as
possible to the AMC1200 while maintaining a differential routing of the input signals is shown in Figure 37.
To maintain the isolation barrier and the high CMTI of the device, the distance between the high-side ground
(GND1) and the low-side ground (GND2) should be kept at maximum; that is, the entire area underneath the
device should be kept free of any conducting materials.
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com