Electronic Components Datasheet Search
  English  ▼

X  

AMC1200 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC1200 Datasheet HTML 15Page - Texas Instruments AMC1200 Datasheet HTML 16Page - Texas Instruments AMC1200 Datasheet HTML 17Page - Texas Instruments AMC1200 Datasheet HTML 18Page - Texas Instruments AMC1200 Datasheet HTML 19Page - Texas Instruments AMC1200 Datasheet HTML 20Page - Texas Instruments AMC1200 Datasheet HTML 21Page - Texas Instruments AMC1200 Datasheet HTML 22Page - Texas Instruments AMC1200 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Top View
Clearance area.
Keep free of any
conductive materials.
AMC1200
AMC1200B
LEGEND
Top layer; copper pour and traces
High-side area
Controller-side area
Via
To Shunt
To Filter or ADC
VDD1
VINP
GND1
VINN
VDD2
VOUTP
VOUTN
GND2
0.1mF
SMD
1206
0.1 F
SMD
1206
m
0.1 F
SMD
1206
m
330 pF
SMD
0603
12
SMD 0603
W
12
SMD 0603
W
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
10.2 Layout Example
Figure 37. Layout Recommendation
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com