Electronic Components Datasheet Search
  English  ▼

X  

MAX6950EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX6950EEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6950EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX6950EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 14Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 16Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 17Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 18Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
KF = 6720
RSET = external resistor in k
Ω
CSET = external capacitor in pF
CSTRAY = stray capacitance from OSC pin to GND in
pF, typically 3pF
The recommended value of RSET is 56k
Ω and the rec-
ommended value of CSET is 27pF.
The recommended value of RSET is the minimum
allowed value, since it sets the display driver to the
maximum allowed segment current. RSET can be set to
a higher value to set the segment current to a lower
peak value where desired. The user must also ensure
that the peak current specifications of the LEDs con-
nected to the driver are not exceeded.
The effective value of CSET includes not only the actual
external capacitor used, but also the stray capacitance
from the OSC pin to GND. This capacitance is usually
in the 1pF to 5pF range, depending on the layout used.
LED Maximum Reverse Voltage
The display connection scheme used by the
MAX6950/MAX6951 puts LED segments in reverse bias
during a portion of the multiplexing time. The maximum
applied reverse bias voltage is the value of the supply
voltage, V+. It is therefore important to ensure that the
LEDs chosen are rated to withstand a reverse bias
equal to the maximum supply voltage applied to the
MAX6950/MAX6951.
Applications Information
Choosing Supply Voltage to Minimize
Power Dissipation
The MAX6950/MAX6951 drive a peak current of 40mA
into LEDs with a 2.4V forward-voltage drop when oper-
ated from a supply voltage of at least 3.0V. The mini-
mum voltage drop across the internal LED drivers is
therefore (3.0V - 2.4V) = 0.6V. If a higher supply volt-
age is used, the driver absorbs a higher voltage, and
the driver’s power dissipation increases accordingly.
However, if the LEDs used have a higher forward volt-
age drop than 2.4V, the supply voltage must be raised
accordingly to ensure that the driver always has at least
0.6V headroom.
The voltage drop across the drivers with a nominal +5V
supply (5.0V - 2.4V) = 2.6V is nearly 3 times the drop
across the drivers with a nominal 3.3V supply (3.3V -
2.4V) = 0.9V. In many systems, consumption is an
important design criterion, and the MAX6950/MAX6951
should be operated from the system’s 3.3V nominal
supply. In other designs, the lowest supply voltage may
be 5V. The issue now is to ensure the dissipation limit
for the MAX6950/MAX6951 is not exceeded. This can
be achieved by inserting a series resistor in the supply
to the MAX6950/MAX6951, ensuring that the supply
decoupling capacitors are still on the MAX6950/
MAX6951 side of the resistor. For example, consider
the requirement that the minimum supply voltage to a
MAX6951 must be 3.0V, and the input supply range is
5V ±5%. Maximum supply current is 15mA + (40mA ✕
8) = 335mA. Minimum input supply voltage is 4.75V.
Maximum series resistor value is (4.75V - 3.0V)/0.335A
= 5.2
Ω. We choose 4.7Ω ±10%. Worst-case resistor
dissipation is at maximum toleranced resistance, i.e.,
(0.335A)
2 ✕ (4.7
Ω ✕ 1.1) = 0.584W. We choose a 1W
resistor rating. The maximum MAX6951 supply voltage
is at maximum input supply voltage and minimum toler-
anced resistance, i.e., 5.25V - (0.335A ✕ 4.7
Ω ✕ 0.9) =
3.83V.
Low-Voltage Operation
The MAX6950/MAX6951 work over the +2.7V to +5.5V
supply range. The minimum useful supply voltage is
determined by the forward voltage drop of the LEDs at
the peak current ISEG, plus the 0.6V headroom required
by the driver output stages. The MAX6950/MAX6951
correctly regulate ISEG with a supply above this mini-
mum voltage. If the supply drops below this minimum
voltage, the driver output stages may brown out, and
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
______________________________________________________________________________________
15
d
d
g
a
b
f
c
e
Table 16. No-Decode Mode Data Bits and
Corresponding Segment Lines
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
Segment line
dp
a
b
cd
e
f
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com