Electronic Components Datasheet Search
  English  ▼

X  

MAX6950EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6950EEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6950EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6950EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 9Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
The serial interface comprises a 16-bit shift register into
which DIN data is clocked on the rising edge of CLK
when CS is low. When CS is high, transitions on CLK do
not clock data into the shift register. When CS goes
high, the 16 bits in the shift register are parallel loaded
into a 16-bit latch. The 16 bits in the latch are then
decoded to determine and execute the command.
The MAX6950/MAX6951 are written to using the follow-
ing sequence (Figure 2):
1) Take CLK low.
2) Take CS low. This enables the internal 16-bit shift
register.
3) Clock 16 bits of data in order, D15 first to D0 last,
into DIN, observing the setup and hold times.
4) Take CS high.
CLK and DIN may well be used to transmit data to other
peripherals. The MAX6950/MAX6951 ignore all activity
on CLK and DIN except when CS is low. Data cannot
be read from the MAX6950/MAX6951.
If fewer or greater than 16 bits are clocked into the
MAX6950/MAX6951 between taking CS low and taking
CS high again, the MAX6950/MAX6951 store the last 16
bits received, including the previous transmission(s).
The general case is when n bits (where n > 16) are
transmitted to the MAX6950/MAX6951. The last bits
comprising bits {n-15} to {n} are retained and are paral-
lel loaded into the 16-bit latch as bits D15 to D0,
respectively (Figure 3).
Digit and Control Registers
Table 3 lists the addressable Digit and Configuration
registers. The digit registers are implemented by two
planes of 8-byte dual-port SRAM, P0 and P1.
Initial Power-Up
On initial power-up, all control registers are reset, the
display is blanked, and the MAX6950/MAX6951 enter
shutdown mode. Program the display driver prior to dis-
play use. Otherwise, it is initially set to scan five digits, it
does not decode data in the data registers, and the
Intensity register is set to its minimum value. Table 4
lists the register status after power-up.
Configuration Register
The configuration register is used to enter and exit shut-
down, select the blink rate, globally enable and disable
the blink function, globally clear the digit data, and
reset the blink timing. Bit position D1 should always be
written with a zero when the configuration register is
updated. See Table 5 for configuration register format.
The S bit selects shutdown or normal operation.
The B bit selects the blink rate.
The E bit globally enables or disables the blink function.
The T bit resets the blink timing.
The R bit globally clears the digit data for both planes
P0 and P1 for all digits.
When the MAX6950/MAX6951 are in shutdown mode
(Table 6), the scan oscillator is halted; all segment and
digit drivers are high impedance. Data in the digit and
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
6
_______________________________________________________________________________________
Table 1. Standard Driver Connection to Single-Digit Displays
DIG/SEG0
PIN 6
DIG/SEG1
PIN 5
DIG/SEG2
PIN 4
DIG/SEG3
PIN 3
DIG/SEG4
PIN 14
DIG/SEG5
PIN 13
DIG/SEG6
PIN 12
DIG/SEG7
PIN 11
SEG 8
PIN 10
LED Digit 0
CC0
SEG dp
SEG g
SEG f
SEG e
SEG d
SEG c
SEG b
SEG a
LED Digit 1
SEG dp
CC1
SEG g
SEG f
SEG e
SEG d
SEG c
SEG b
SEG a
LED Digit 2
SEG dp
SEG g
CC2
SEG f
SEG e
SEG d
SEG c
SEG b
SEG a
LED Digit 3
SEG dp
SEG g
SEG f
CC3
SEG e
SEG d
SEG c
SEG b
SEG a
LED Digit 4
SEG dp
SEG g
SEG f
SEG e
CC4
SEG d
SEG c
SEG b
SEG a
LED Digit 5
SEG dp
SEG g
SEG f
SEG e
SEG d
CC5
SEG c
SEG b
SEG a
LED Digit 6
SEG dp
SEG g
SEG f
SEG e
SEG d
SEG c
CC6
SEG b
SEG a
LED Digit 7
SEG dp
SEG g
SEG f
SEG e
SEG d
SEG c
SEG b
CC7
SEG a
Table 2. Serial-Data Format (16 Bits)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS
MSB
DATA
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com