Electronic Components Datasheet Search
  English  ▼

X  

MAX6950EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX6950EEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6950EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX6950EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 14Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 16Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 17Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 18Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Chip Information
TRANSISTOR COUNT: 17,350
PROCESS: CMOS
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
______________________________________________________________________________________
17
Typical Application Circuit
3.3V
16
9
8 DIGITS
AND SEGMENTS
(SEE TABLE 1 FOR CONNECTIONS)
DIG1–DIG8
SEG1–SEG9
MAX6951
µC
DIN
CLK
CS
DIN
CLK
CS
1
15
2
8
CSET
27pF
9
7
RSET
56k
Ω
ISET
OSC
C1
100nF
C2
22
µF
Figure 5. Sample Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com