Electronic Components Datasheet Search
  English  ▼

X  

MAX6950EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6950EEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6950EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6950EEE Datasheet HTML 1Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Detailed Description
Differences Between
MAX6950 and MAX6951
The MAX6950 is a five-digit common-cathode display
driver. It drives five digits, with each digit comprising
eight LEDs with cathodes connected to a common
cathode. The display limit is therefore 40 LEDs or digit
segments.
The MAX6951 is an eight-digit common-cathode dis-
play driver. It drives eight digits, with each digit com-
prising eight LEDs. The only difference between the
MAX6950 and MAX6951 is that the MAX6950 is missing
three digit drivers. The MAX6950 can be configured to
scan eight digits, but if the last three digits are wired
up, they do not light.
The MAX6950/MAX6951 use a unique multiplexing
scheme to minimize the connections between the driver
and LED display. The scheme requires that the seg-
ment connections are different to each of the five
(MAX6950) or eight (MAX6951) digits (Table 1). This is
shown in the Typical Application Circuit, which uses
single-digit type displays. The MAX6950/MAX6951 are
not intended to drive multidigit display types, which
have the segments internally wired together, unless the
segments are wired with the common cathodes to fol-
low Table 1. The MAX6950/MAX6951 can drive multi-
digit LED displays that have the segments individually
pinned for each digit because then the digits can be
connected together correctly externally, just as if indi-
vidual digits were used.
Serial-Addressing Modes
The microprocessor interface on the MAX6950/
MAX6951 is a SPI-compatible 3-wire serial interface
using three input pins (Figure 1). This interface is used
to write configuration and display data to the MAX6950/
MAX6951. The serial interface data word length is 16
bits, which are labeled D15–D0 (Table 2). D15–D8 con-
tain the command address, and D7–D0 contain the
data. The first bit received is D15, the most-significant
bit (MSB). The three input pins are:
•CLK is the serial clock input, and may idle low or
high at the start and end of a write sequence.
•
CS is the MAX6950/MAX6951s’ chip-select input,
and must be low to clock data into the MAX6950/
MAX6951.
•
DIN is the serial data input, and must be stable
when it is sampled on the rising edge of the clock.
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
_______________________________________________________________________________________
5
PIN
NAME
FUNCTION
1
DIN
Serial Data Input. Data is loaded into the internal 16–bit Shift register on CLK’s rising edge.
2
CLK
Serial-Clock Input. On CLK’s rising edge, data is shifted into the Internal Shift register. On CLK’s
falling edge, data is clocked out of DOUT. CLK input is active only while CS is low.
3–6, 10–14
DIGX, SEGX
Digit X outputs sink current from the display common cathode when acting as digit drivers.
Segment X drivers source current to the display. Segment/digit drivers are high impedance when
turned off.
7ISET
Current Setting. Connect to GND through a resistor (RSET) to set the peak current. This resistor,
together with capacitor CSET, also sets the multiplex clock frequency.
8
GND
Ground
9
OSC
Multiplexer Clock Input. A capacitor (CSET) is connected to GND when the internal RC oscillator
multiplex clock is used. Resistor RSET (also used to set the peak current) and capacitor CSET
together set the multiplex clock frequency. When the external clock is used, OSC should be driven
by a 1MHz to 8MHz clock.
15
CS
Chip-Select Input. Serial data is loaded into the Shift register while CS is low. The last 16 bits of
serial data are latched on CS’s rising edge.
16
V+
Positive Supply Voltage. Bypass to GND with a 0.1µF capacitor.
PAD
Exposed pad
Exposed pad on package underside. Connect to GND.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com