Electronic Components Datasheet Search
  English  ▼

X  

MAX690 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX690
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX690 Datasheet HTML 4Page - Maxim Integrated Products MAX690 Datasheet HTML 5Page - Maxim Integrated Products MAX690 Datasheet HTML 6Page - Maxim Integrated Products MAX690 Datasheet HTML 7Page - Maxim Integrated Products MAX690 Datasheet HTML 8Page - Maxim Integrated Products MAX690 Datasheet HTML 9Page - Maxim Integrated Products MAX690 Datasheet HTML 10Page - Maxim Integrated Products MAX690 Datasheet HTML 11Page - Maxim Integrated Products MAX690 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VBATT is 0.6V or greater than VCC.
When VBATT connects to VOUT, backup mode is activat-
ed and the internal circuitry is powered from the battery
(Table 1). When VCC is just below VBATT, the current
drawn from VBATT is typically 30µA. When VCC drops to
more than 1V below VBATT, the internal switchover com-
parator shuts off and the supply current falls to less
than 1µA.
__________Applications Information
Using a SuperCap™ as a Backup
Power Source
SuperCaps are capacitors with extremely high capaci-
tance values, on the order of 0.1F. Figure 4 shows a
SuperCap used as a backup power source. Do not allow
the SuperCap’s voltage to exceed the maximum reset
threshold by more than 0.6V. In Figure 4’s circuit, the
SuperCap rapidly charges to within a diode drop of VCC.
However, after a long time, the diode leakage current will
pull the SuperCap voltage up to VCC. When using a
SuperCap with the MAX690A/MAX802L/MAX805L, VCC
may not exceed 4.75V + 0.6V = 5.35V.
Use the SuperCap circuit of Figure 5 with a MAX692A
or MAX802M and a ±10% supply.
This circuit
ensures that the SuperCap only charges to VCC -
0.5V. At the maximum VCC of 5.5V, the SuperCap
charges up to 5.0V, only 0.5V above the maximum
reset threshold—well within the requisite 0.6V.
Microprocessor Supervisory Circuits
8
_______________________________________________________________________________________
VBATT
VCC
VOUT
RESET
GND
TO STATIC RAM
TO
µP
0.1F
MAX692A
MAX802M
+5V
+
100k
Figure 5. Using a SuperCap™ as a Backup Power Source with
the MAX692A/MAX802M and a +5V ±10% Supply
PFO
VCC
GND
TO
µP
MAX690
MAX692A
MAX802L
MAX802M
MAX805L
+5V
R2
R1
R3
PFI
*OPTIONAL
+5V
0V
PFO
VL
VH
VTRIP
VIN
0V
VIN
C1*
Figure 6. Adding Hysteresis to the Power-Fail Comparator
Allowable Backup Power-Source
Batteries
Lithium batteries work very well as backup batteries due to
very low self-discharge rates and high energy density.
Single lithium batteries with open-circuit voltages of 3.0V to
3.6V are ideal. Any battery with an open-circuit voltage
less than the minimum reset threshold plus 0.3V can be
Table 2. Allowable Backup-Battery Voltages
(see
Using a SuperCap as a Backup Power Source
section for use with a SuperCap)
PART NO.
MAXIMUM BACKUP-BATTERY
VOLTAGE (V)
MAX690A/
MAX802L/MAX805L
4.80
MAX692A/
MAX802M
4.55
VTRIP
1.25/
R2
R2
R2
VIH
1.25/
R2 || R3
R1 R2 || R3
VL 1.25
R1
5
1.25
R3
1.25
R2
=
+
=
+
−
+
−
=


™SuperCap is a trademark of Baknor Industries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com