Electronic Components Datasheet Search
  English  ▼

X  

MAX690 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX690
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX690 Datasheet HTML 3Page - Maxim Integrated Products MAX690 Datasheet HTML 4Page - Maxim Integrated Products MAX690 Datasheet HTML 5Page - Maxim Integrated Products MAX690 Datasheet HTML 6Page - Maxim Integrated Products MAX690 Datasheet HTML 7Page - Maxim Integrated Products MAX690 Datasheet HTML 8Page - Maxim Integrated Products MAX690 Datasheet HTML 9Page - Maxim Integrated Products MAX690 Datasheet HTML 10Page - Maxim Integrated Products MAX690 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Microprocessor Supervisory Circuits
_______________________________________________________________________________________
7
SW1/SW2
SW3/SW4
CONDITION
VCC > Reset Threshold
Open
Closed
Closed
Open
Open
Closed
VCC < Reset Threshold and
VCC > VBATT
VCC < Reset Threshold and
VCC < VBATT
RESET THRESHOLD = 4.65V IN MAX690A/MAX802L/MAX805L.
RESET THRESHOLD = 4.4V IN MAX692A/MAX802M
VOUT
D3
SUBSTRATE
D1
D2
SW2
SW1
SW4
SW3
VBATT
VCC
MAX690A
MAX692A
MAX802L
MAX802M
MAX805L
Figure 3. Backup-Battery Switchover Block Diagram
VBATT
VCC
VOUT
RESET
(RESET)
GND
TO STATIC RAM
TO
µP
0.1F
MAX690A
MAX802L
MAX805L
+5V
+
( ) ARE FOR MAX805L ONLY.
Figure 4. Using a SuperCap as a Backup Power Source with a
MAX690A/MAX802L/MAX805L and a +5V ±5% Supply
need not be dedicated to this function though, as it is
completely separate from the rest of the circuitry. The
external voltage divider drives PFI to sense the unregu-
lated DC input to the +5V regulator (see
Typical
Operating Circuit). The voltage-divider ratio can be
chosen such that the voltage at PFI falls below 1.25V
just before the +5V regulator drops out. PFO then trig-
gers an interrupt which signals the µP to prepare for
power-down.
To conserve backup-battery power, the power-fail
detector comparator is turned off and PFO is forced
low when VBATT connects to VOUT.
Backup-Battery Switchover
In the event of a brownout or power failure, it may be
necessary to preserve the contents of RAM. With a
backup battery installed at VBATT, the devices automati-
cally switch RAM to backup power when VCC fails.
As long as VCC exceeds the reset threshold, VOUT connects
to VCC through a 5Ω PMOS power switch. Once VCC falls
below the reset threshold, VCC or VBATT (whichever is high-
er) switches to VOUT. Unlike the MAX690/MAX692, the
MAX690A/MAX692A/MAX802L/MAX802M/MAX805L don’t
always connect VBATT to VOUT when VBATT is greater than
VCC. VBATT connects to VOUT (through an 80Ω switch) only
when VCC is below the reset threshold and VBATT is greater
than VCC.
When VCC exceeds the reset threshold, it is connected to
the MAX690A/MAX692A/MAX802L/MAX802M/MAX805L
substrate, regardless of the voltage applied to VBATT
(Figure 3). During this time, the diode (D1) between VBATT
and the substrate will conduct current from VBATT to VCC if
Table 1. Input and Output Status in Battery-Backup Mode
SIGNAL
STATUS
VCC
Disconnected from VOUT
VOUT
VBATT
PFI
Power-fail comparator is disabled.
PFO
Logic low
RESET
Logic low
RESET
Logic high (MAX805L only)
WDI
Watchdog timer is disabled
Connected to VBATT through an internal 80Ω
PMOS switch
Connected to VOUT. Current drawn from the
battery is less than 1µA, as long as
VCC < VBATT - 1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com