Electronic Components Datasheet Search
  English  ▼

X  

MAX690 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX690
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX690 Datasheet HTML 1Page - Maxim Integrated Products MAX690 Datasheet HTML 2Page - Maxim Integrated Products MAX690 Datasheet HTML 3Page - Maxim Integrated Products MAX690 Datasheet HTML 4Page - Maxim Integrated Products MAX690 Datasheet HTML 5Page - Maxim Integrated Products MAX690 Datasheet HTML 6Page - Maxim Integrated Products MAX690 Datasheet HTML 7Page - Maxim Integrated Products MAX690 Datasheet HTML 8Page - Maxim Integrated Products MAX690 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
V
Microprocessor Supervisory Circuits
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET Output Voltage
MAX805LC, ISOURCE = 4µA, VCC = 1.1V
0.8
MAX805LE/M, ISOURCE = 4µA, VCC = 1.2V
0.9
MAX805L, ISOURCE = 800µA
VCC - 1.5
MAX805L, ISINK = 3.2mA
0.4
Watchdog Timeout
tWD
1.00
1.60
2.25
sec
PFO
Output Voltage
ISOURCE = 800µA
VCC - 1.5
V
ISINK = 3.2mA
0.4
Note 2: Either VCC or VBATT can go to 0V, if the other is greater than 2.0V.
Note 3: "-" = battery-charging current, "+" = battery-discharging current.
Note 4: WDI is guaranteed to be in an intermediate, non-logic level state if WDI is floating and VCC is in the operating voltage range.
WDI is internally biased to 35% of VCC with an input impedance of 50kΩ.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.75V to 5.5V for MAX690A/MAX802L/MAX805L, VCC = 4.5V to 5.5V for MAX692A/MAX802M, VBATT = 2.8V,
TA = TMIN to TMAX, unless otherwise noted.)
WDI = 0V
-150
-50
V
WDI Input Current
WDI = VCC
50
150
3.5
µA
WDI Input Threshold (Note 4)
VCC = 5V
0.8
V
WDI Pulse Width
tWP
VIL = 0.4V, VIH = (0.8) (VCC)
50
ns
Logic low
Logic high
MAX69_A, MAX805L, VCC = 5V
1.20
1.25
1.30
PFI Input Threshold
MAX802_C/E, VCC = 5V
1.225
1.250
1.275
PFI Input Current
-25
0.01
25
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com