Electronic Components Datasheet Search
  English  ▼

X  

MAX690 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX690
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX690 Datasheet HTML 2Page - Maxim Integrated Products MAX690 Datasheet HTML 3Page - Maxim Integrated Products MAX690 Datasheet HTML 4Page - Maxim Integrated Products MAX690 Datasheet HTML 5Page - Maxim Integrated Products MAX690 Datasheet HTML 6Page - Maxim Integrated Products MAX690 Datasheet HTML 7Page - Maxim Integrated Products MAX690 Datasheet HTML 8Page - Maxim Integrated Products MAX690 Datasheet HTML 9Page - Maxim Integrated Products MAX690 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. When the µP is in an unknown state, it should
be held in reset. The MAX690A/MAX692A/MAX802L/
MAX802M assert reset during power-up and prevent code
execution errors during power-down or brownout condi-
tions.
On power-up, once VCC reaches 1V, RESET is guaran-
teed to be a logic low. As VCC rises, RESET remains
low. When VCC exceeds the reset threshold, an internal
timer keeps RESET low for a time equal to the reset
pulse width; after this interval, RESET goes high (Figure
2). If a brownout condition occurs (if VCC dips below
the reset threshold), RESET is triggered. Each time
RESET
is triggered, it stays low for the reset pulse width
interval. Any time VCC goes below the reset threshold,
the internal timer restarts the pulse. If a brownout con-
dition interrupts a previously initiated reset pulse, the
reset pulse continues for another 200ms. On power-
down, once VCC goes below the threshold, RESET is
guaranteed to be logic low until VCC droops below 1V.
RESET
is also triggered by a watchdog timeout. If a
high or low is continuously applied to the WDI pin for
1.6sec, RESET pulses low. As long as RESET is assert-
ed, the watchdog timer remains clear. When RESET
comes high, the watchdog resumes timing and must be
serviced within 1.6sec. If WDI is tied high or low, a
RESET
pulse is triggered every 1.8sec (tWD plus tRS).
The MAX805L active-high RESET output is the inverse
of the MAX690A/MAX692A/MAX802L/MAX802M RESET
output, and is guaranteed to be valid with VCC down to
1.1V. Some µPs, such as Intel’s 80C51, require an
active-high reset pulse.
Watchdog Input
The watchdog circuit monitors the µP’s activity. If the
µP does not toggle the watchdog input (WDI) within
1.6sec, a reset pulse is triggered. The internal 1.6sec
timer is cleared by either a reset pulse or by open cir-
cuiting the WDI input. As long as reset is asserted or
the WDI input is open circuited, the timer remains
cleared and does not count. As soon as reset is
released or WDI is driven high or low, the timer starts
counting. It can detect pulses as short as 50ns.
Power-Fail Comparator
The PFI input is compared to an internal 1.25V refer-
ence. If PFI is less than 1.25V, PFO goes low. The
power-fail comparator is intended for use as an under-
voltage detector to signal a failing power supply; it
Microprocessor Supervisory Circuits
6
_______________________________________________________________________________________
1.25V
0.8V
WATCHDOG
TIMER
PFO
RESET
(RESET)
VOUT
RESET
GENERATOR
BATTERY-SWITCHOVER
CIRCUITRY
1.25V
3.5V
VBATT
VCC
PFI
WDI
MAX690A
MAX692A
MAX802L
MAX802M
MAX805L
( ) ARE FOR MAX805L ONLY.
GND
Figure 1. Block Diagram
tRS
+5V
0V
VCC
0V
+5V
0V
RESET
+5V
0V
(RESET)
3.0V
3.0V
VOUT
+5V
0V
PFO
VBATT = PFI = 3.0V
IOUT = 0mA
( ) ARE FOR MAX805L ONLY.
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com