Electronic Components Datasheet Search
  English  ▼

X  

MAX756ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX756ESA
Description  3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX756ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX756ESA Datasheet HTML 1Page - Maxim Integrated Products MAX756ESA Datasheet HTML 2Page - Maxim Integrated Products MAX756ESA Datasheet HTML 3Page - Maxim Integrated Products MAX756ESA Datasheet HTML 4Page - Maxim Integrated Products MAX756ESA Datasheet HTML 5Page - Maxim Integrated Products MAX756ESA Datasheet HTML 6Page - Maxim Integrated Products MAX756ESA Datasheet HTML 7Page - Maxim Integrated Products MAX756ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3.3V/5V/Adjustable-Output
Step-Up DC-DC Converters
3.3V/5V/Adjustable-Output,
Step-Up DC-DC Converters
GND
GND
LBI
OUT
3/5 (MAX756)
FB (MAX757)
REF
SHDN
LX
LBO
0.122"
(3.10mm)
0.080"
(2.03mm)
___________________Chip Topography
________________________________________________________Package Information
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.053
0.004
0.014
0.007
0.189
0.150
0.228
0.010
0.016
0˚
MAX
0.069
0.010
0.019
0.010
0.197
0.157
0.244
0.020
0.050
8˚
MIN
1.35
0.10
0.35
0.19
4.80
3.80
5.80
0.25
0.40
0˚
MAX
1.75
0.25
0.49
0.25
5.00
4.00
6.20
0.50
1.27
8˚
INCHES
MILLIMETERS
α
8-PIN PLASTIC
SMALL-OUTLINE
PACKAGE
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-325A
PC Layout and Grounding
The MAX756/MAX757 high peak currents and high-fre-
quency operation make PC layout important for mini-
mizing ground bounce and noise. The distance
between the MAX756/MAX757’s GND pin and the
ground leads of C1 and C2 in Figure 1 must be kept to
less than 0.2" (5mm). All connections to the FB and LX
pins should also be kept as short as possible. To
obtain maximum output power and efficiency and mini-
mum output ripple voltage, use a ground plane and
solder the MAX756/MAX757 GND (pin 7) directly to the
ground plane.
TRANSISTOR COUNT: 758
SUBSTRATE CONNECTED TO OUT
8
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com