Electronic Components Datasheet Search
  English  ▼

X  

MAX756ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX756ESA
Description  3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX756ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX756ESA Datasheet HTML 1Page - Maxim Integrated Products MAX756ESA Datasheet HTML 2Page - Maxim Integrated Products MAX756ESA Datasheet HTML 3Page - Maxim Integrated Products MAX756ESA Datasheet HTML 4Page - Maxim Integrated Products MAX756ESA Datasheet HTML 5Page - Maxim Integrated Products MAX756ESA Datasheet HTML 6Page - Maxim Integrated Products MAX756ESA Datasheet HTML 7Page - Maxim Integrated Products MAX756ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.3V/5V/Adjustable-Output,
Step-Up DC-DC Converters
_______________________________________________________________________________________
5
_______________Detailed Description
Operating Principle
The MAX756/MAX757 combine a switch-mode regulator
with an N-channel MOSFET, precision voltage reference,
and power-fail detector in a single monolithic device.
The MOSFET is a “sense-FET” type for best efficiency,
and has a very low gate threshold voltage to ensure
start-up under low-battery voltage conditions (1.1V typ).
Pulse-Frequency
Modulation Control Scheme
A unique minimum off time, current-limited, pulse-frequen-
cy modulation (PFM) control scheme is a key feature of
the MAX756/MAX757. This PFM scheme combines the
advantages of pulse-width modulation (PWM) (high output
power and efficiency) with those of a traditional PFM
pulse-skipper (ultra-low quiescent currents). There is no
oscillator; at heavy loads, switching is accomplished
through a constant peak-current limit in the switch, which
allows the inductor current to self-oscillate between this
peak limit and some lesser value. At light loads, switching
frequency is governed by a pair of one-shots, which set a
minimum off-time (1µs) and a maximum on-time (4µs).
The switching frequency depends on the load and the
input voltage, and can range as high as 500kHz.
The peak switch current of the internal MOSFET power
switch is fixed at 1A ±0.2A. The switch's on resistance
is typically 0.5
Ω, resulting in a switch voltage drop
(VSW) of about 500mV under high output loads. The
value of VSW decreases with light current loads.
Conventional PWM converters generate constant-fre-
quency switching noise, whereas this architecture pro-
duces variable-frequency switching noise. However,
the noise does not exceed the switch current limit times
the filter-capacitor equivalent series resistance (ESR),
unlike conventional pulse-skippers.
Voltage Reference
The precision voltage reference is suitable for driving
external loads such as an analog-to-digital converter.
It has guaranteed 250µA source-current and 20µA
sink-current capability. The reference is kept alive
even in shutdown mode. If the reference drives an
external load, bypass it with 0.22µF to GND. If the ref-
erence is unloaded, bypass it with at least 0.1µF.
Control-Logic Inputs
The control inputs (3/5, SHDN) are high-impedance
MOS gates protected against ESD damage by normally
reverse-biased clamp diodes. If these inputs are dri-
ven from signal sources that exceed the main supply
voltage, the diode current should be limited by a series
resistor (1M
Ω suggested). The logic input threshold
level is the same (approximately 1V) in both 3.3V and
5V modes. Do not leave the control inputs floating.
__________________Design Procedure
Output Voltage Selection
The MAX756 output voltage can be selected to 3.3V or
5V under logic control, or it can be left in one mode or
the other by tying 3/5 to GND or OUT. Efficiency varies
depending upon the battery and the load, and is typi-
cally better than 80% over a 2mA to 200mA load range.
The device is internally bootstrapped, with power
derived from the output voltage (via OUT). When the
output is set at 5V instead of 3.3V, the higher internal
supply voltage results in lower switch-transistor on
resistance and slightly greater output power.
Bootstrapping allows the battery voltage to sag to less
than 1V once the system is started. Therefore, the bat-
tery voltage range is from VOUT + VD to less than 1V
(where VD is the forward drop of the Schottky rectifier).
If the battery voltage exceeds the programmed output
voltage, the output will follow the battery voltage. In
many systems this is acceptable; however, the output
voltage must not be forced above 7V.
The output voltage of the MAX757 is set by two resis-
tors, R1 and R2 (Figure 1), which form a voltage divider
between the output and the FB pin. The output voltage
is set by the equation:
VOUT = (VREF) [(R2 + R1) / R2]
where VREF = 1.25V.
To simplify resistor selection:
R1 = (R2) [(VOUT / VREF) - 1]
Since the input bias current at FB has a maximum
value of 100nA, large values (10k
Ω to 200kΩ) can be
used for R1 and R2 with no significant loss of accuracy.
For 1% error, the current through R1 should be at least
100 times FB’s bias current.
Low-Battery Detection
The MAX756/MAX757 contain on-chip circuitry for low-
battery detection. If the voltage at LBI falls below the reg-
ulator’s internal reference voltage (1.25V), LBO (an open-
drain output) sinks current to GND. The low-battery mon-
itor's threshold is set by two resistors, R3 and R4 (Figure
1), which forms a voltage divider between the input volt-
age and the LBI pin. The threshold voltage is set by R3
and R4 using the following equation:
R3 = [(VIN / VREF) - 1] (R4)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com