Electronic Components Datasheet Search
  English  ▼

X  

MAX756ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX756ESA
Description  3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX756ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX756ESA Datasheet HTML 1Page - Maxim Integrated Products MAX756ESA Datasheet HTML 2Page - Maxim Integrated Products MAX756ESA Datasheet HTML 3Page - Maxim Integrated Products MAX756ESA Datasheet HTML 4Page - Maxim Integrated Products MAX756ESA Datasheet HTML 5Page - Maxim Integrated Products MAX756ESA Datasheet HTML 6Page - Maxim Integrated Products MAX756ESA Datasheet HTML 7Page - Maxim Integrated Products MAX756ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.3V/5V/Adjustable-Output,
Step-Up DC-DC Converters
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
NAME
FUNCTION
1
SHDN
2
3/5
Selects the main output voltage setting; 5V when low, 3.3V when high.
–
FB
3
REF
4
LBO
5
LBI
6
OUT
7
GND
Power Ground. Must be low impedance; solder directly to ground plane.
8
LX
1A, 0.5
Ω N-Channel Power MOSFET Drain
1
–
2
3
4
5
6
7
8
PIN
MAX756
MAX757
Shutdown Input disables SMPS when low, but the voltage reference and low-battery com-
parator remain active.
Feedback Input for adjustable output operation. Connect to an external voltage divider
between OUT and GND.
1.25V Reference Voltage Output. Bypass with 0.22µF to GND (0.1µF if there is no external
reference load). Maximum load capability is 250µA source, 20µA sink.
Low-Battery Output. An open-drain N-channel MOSFET sinks current when the voltage at
LBI drops below +1.25V.
Low-Battery Input. When the voltage on LBI drops below +1.25V, LBO sinks current.
Connect to VIN if not used.
Connect OUT to the regulator output. It provides bootstrapped power to both devices,
and also senses the output voltage for the MAX756.
OUTPUT
VOLTAGE
50mV/div
VIN = 2.5V
HORIZONTAL = 50
µs/div
5V Mode
LOAD-TRANSIENT RESPONSE
OUTPUT
CURRENT
0mA to 200mA
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
VSHDN
2V/div
VIN = 2.5V
HORIZONTAL = 5ms/div
5V Mode
START-UP DELAY
VOUT
2V/div
3V
0V
5V
0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com