Electronic Components Datasheet Search
  English  ▼

X  

MAX756ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX756ESA
Description  3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX756ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX756ESA Datasheet HTML 1Page - Maxim Integrated Products MAX756ESA Datasheet HTML 2Page - Maxim Integrated Products MAX756ESA Datasheet HTML 3Page - Maxim Integrated Products MAX756ESA Datasheet HTML 4Page - Maxim Integrated Products MAX756ESA Datasheet HTML 5Page - Maxim Integrated Products MAX756ESA Datasheet HTML 6Page - Maxim Integrated Products MAX756ESA Datasheet HTML 7Page - Maxim Integrated Products MAX756ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3.3V/5V/Adjustable-Output,
Step-Up DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
19-0113; Rev. 2; 1/95
_______________General Description
The MAX756/MAX757 are CMOS step-up DC-DC switch-
ing regulators for small, low input voltage or battery-pow-
ered systems. The MAX756 accepts a positive input
voltage down to 0.7V and converts it to a higher pin-
selectable output voltage of 3.3V or 5V. The MAX757 is
an adjustable version that accepts an input voltage down
to 0.7V and generates a higher adjustable output voltage
in the range from 2.7V to 5.5V. Typical full-load efficiencies
for the MAX756/MAX757 are greater than 87%.
The MAX756/MAX757 provide three improvements over
previous devices. Physical size is reduced—the high
switching frequencies (up to 0.5MHz) made possible by
MOSFET power transistors allow for tiny (<5mm diameter)
surface-mount magnetics. Efficiency is improved to 87%
(10% better than with low-voltage regulators fabricated in
bipolar technology). Supply current is reduced to 60µA
by CMOS construction and a unique constant-off-time
pulse-frequency modulation control scheme.
________________________Applications
3.3V to 5V Step-Up Conversion
Palmtop Computers
Portable Data-Collection Equipment
Personal Data Communicators/Computers
Medical Instrumentation
2-Cell & 3-Cell Battery-Operated Equipment
Glucose Meters
____________________________Features
o Operates Down to 0.7V Input Supply Voltage
o 87% Efficiency at 200mA
o 60µA Quiescent Current
o 20µA Shutdown Mode with Active Reference and
LBI Detector
o 500kHz Maximum Switching Frequency
o ±1.5% Reference Tolerance Over Temperature
o Low-Battery Detector (LBI/LBO)
o 8-Pin DIP and SO Packages
______________Ordering Information
* Dice are tested at TA = +25°C only.
1
2
3
4
8
7
6
5
LX
GND
OUT
LBI
LBO
REF
3/5
SHDN
MAX756
DIP/SO
TOP VIEW
1
2
3
4
8
7
6
5
LX
GND
OUT
LBI
LBO
REF
FB
SHDN
MAX757
DIP/SO
_________________Pin Configurations
MAX756
SHDN
1
3/5
2
REF
3
LBI
5
LX
7
150
µF
GND
OUT
6
INPUT
2V to VOUT
1N5817
OUTPUT
5V at 200mA
or
3.3V at 300mA
100
µF
LBO
4
8
0.1
µF
22
µH
LOW-BATTERY
DETECTOR OUTPUT
__________Typical Operating Circuit
PART
TEMP. RANGE
PIN-PACKAGE
MAX756CPA
0°C to +70°C
8 Plastic DIP
MAX756CSA
0°C to +70°C
8 SO
MAX756C/D
0°C to +70°C
Dice*
MAX756EPA
-40°C to +85°C
8 Plastic DIP
MAX756ESA
-40°C to +85°C
8 SO
MAX757CPA
0°C to +70°C
8 Plastic DIP
MAX757CSA
0°C to +70°C
8 SO
MAX757C/D
0°C to +70°C
Dice*
MAX757EPA
-40°C to +85°C
8 Plastic DIP
MAX757ESA
-40°C to +85°C
8 SO
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET


Similar Part No. - MAX756ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500 Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500-MAX7502 MAXIM-MAX7500-MAX7502 Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results

Similar Description - MAX756ESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com