Electronic Components Datasheet Search
  English  ▼

X  

CMX983 Datasheet(PDF) 30 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button CMX983 Datasheet HTML 26Page - CML Microcircuits CMX983 Datasheet HTML 27Page - CML Microcircuits CMX983 Datasheet HTML 28Page - CML Microcircuits CMX983 Datasheet HTML 29Page - CML Microcircuits CMX983 Datasheet HTML 30Page - CML Microcircuits CMX983 Datasheet HTML 31Page - CML Microcircuits CMX983 Datasheet HTML 32Page - CML Microcircuits CMX983 Datasheet HTML 33Page - CML Microcircuits CMX983 Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
Analogue Front End (AFE) for Digital Radio
CMX983
 2015 CML Microsystems Plc
30
D/983/6
the device inputs, to prevent aliasing problems in the first downsampler. The number of cascaded stages in
the sinc filter can be configured to between 3 and 6, with each stage having a length of up to 64. The length of
the sinc filter should be set to an integer multiple (usually 1x) of the first downsample rate M1 so that the
zeroes in the filter transfer function appear at multiples of the CR2 clock rate. This minimises the amount of
in-band energy in the aliased signals after decimation. Note that the sinc filter transfer characteristic causes
droop in the wanted signal, and this droop increases as the number of sinc stages or the sinc length is
increased. However, moderate amounts of droop can be compensated for in the following FIR filter. With a
nominal power supply voltage (AVDD = 3.3V), the “gain” of the ADC between the input pins and the output of
the sinc filter is given by the expression:
N
AL
G
1506
.
0
where L = sinc length, N = number of sinc stages and A = analogue gain (see section 9.1). For example, with
an analogue gain of 0dB, a sinc length of 32 and a sinc number of 5, then a dc input signal of 1V (differential)
at the input pins will give a nominal output of 5.053x10
6 (~ $4D1B00) into the first bit selector.
First bit selector
The bit selector at the output of the sinc filter selects which 20 bits of the 37-bit sinc filter accumulator are
passed to the following phase vernier and downsampler.
Phase vernier
The phase vernier allows fine adjustment of the signal phase by setting which sinc output sample the first
decimator selects. The A and B channel signals can be independently delayed by a programmable number of
cycles of the CR1 clock, with the maximum number of delay cycles being one less than the first downsample
rate.
First downsampler
The first downsampler reduces the sample rate of the signal by a factor of M1 = fCR1/fCR2. This process causes
any residual signal components around multiples of the CR2 clock rate to be aliased, so it is important to
make sure that the preceding filters (sinc filter and external anti-alias filter) have adequately attenuated these
signal components.
FIR filter
The purpose of the FIR filter is to attenuate out-of band signals and quantisation noise, perform any transfer
function shaping that is required by the transmission standard and, if necessary, compensate for the droop
caused by the sinc filter. The FIR filter acts as an anti-alias filter for the second downsampler (if used) by
ensuring that signal components around multiples of the CR3 frequency are adequately attenuated. The filter
operates with 20-bit data samples and 16-bit coefficients, and can be configured with up to 128 taps. There
are four banks of programmable coefficients.
Second bit selector
The bit selector at the output of the FIR filter selects which 16 bits of the 42-bit FIR filter accumulator are
passed to the following downsampler.
Second downsampler
The second downsampler reduces the sample rate of the signal by a factor of M2 = fCR2/fCR3. This process
causes any residual signal components around multiples of the CR3 clock rate to be aliased, so it is important
to make sure that the preceding filters have adequately attenuated these signal components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com