Electronic Components Datasheet Search
  English  ▼

X  

CMX983 Datasheet(PDF) 2 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 2 Page - CML Microcircuits

  CMX983 Datasheet HTML 1Page - CML Microcircuits CMX983 Datasheet HTML 2Page - CML Microcircuits CMX983 Datasheet HTML 3Page - CML Microcircuits CMX983 Datasheet HTML 4Page - CML Microcircuits CMX983 Datasheet HTML 5Page - CML Microcircuits CMX983 Datasheet HTML 6Page - CML Microcircuits CMX983 Datasheet HTML 7Page - CML Microcircuits CMX983 Datasheet HTML 8Page - CML Microcircuits CMX983 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
Analogue Front End (AFE) for Digital Radio
CMX983
 2015 CML Microsystems Plc
2
D/983/6
1
Brief Description
The CMX983 is an Analogue Front End (AFE) IC
that bridges the gap between a digital radio’s RF section
and the DSP. Specifically designed to meet the needs of a Software Designed Radio (SDR), the CMX983
performs critical DSP-intensive functions, provides dual channel analogue to digital and digital to analogue
conversion, includes two RF fractional-N synthesisers, and embeds a host of auxiliary ADCs and DACs for
use within the radio system.
The CMX983 meets the low operating power requirements of SDR-based terminals and is powered from
separate 3.3V and 1.8V power supplies. A facility is provided to allow the PLL charge pumps to be operated
at up to 5V, providing low noise operation. The device is available in a small 64-lead VQFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com