Electronic Components Datasheet Search
  English  ▼

X  

CMX983 Datasheet(PDF) 59 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 59 Page - CML Microcircuits

Back Button CMX983 Datasheet HTML 55Page - CML Microcircuits CMX983 Datasheet HTML 56Page - CML Microcircuits CMX983 Datasheet HTML 57Page - CML Microcircuits CMX983 Datasheet HTML 58Page - CML Microcircuits CMX983 Datasheet HTML 59Page - CML Microcircuits CMX983 Datasheet HTML 60Page - CML Microcircuits CMX983 Datasheet HTML 61Page - CML Microcircuits CMX983 Datasheet HTML 62Page - CML Microcircuits CMX983 Datasheet HTML 63Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
Analogue Front End (AFE) for Digital Radio
CMX983
 2015 CML Microsystems Plc
59
D/983/6
lock. The user can select the type of lock detector that works best in their particular application. The following
guidelines describe how the lock detectors in PLL1 operate; the lock detectors in PLL2 are identical.
12.3.1 Digital Lock Detector
Digital lock detector mode is selected when PLL1_LOCKDET bit 14 = 0. The digital lock detector is connected
to the R-divider and N-divider output clocks as shown in Figure 22. The PLL phase error is measured as the
time difference between the positive edges of those clock signals. If the phase error is within the specified
error window then an “in_phase” pulse is generated, otherwise an “out_of_phase” pulse is generated. The
number of consecutive “in_phase” and “out_of_phase” pulses is accumulated and is used to determine the
state of the lock output.
Digital Lock Detector
Measure
phase error
PLL1_LOCKDET
Control
Counter
out_of_phase
in_phase
LOCK
UP
DOWN
Charge
pump
CP1
PLL1_BLEED
Phase Detector
PLL1_IDIV
PLL1_RDIV
R-divider
N-divider
MCLK
VCO_CLK
Σ-Δ mod
+
PLL1_FDIV1/0
R
D Q
1
R
D Q
1
delay
PDCLK_R
PDCLK_N
Figure 22 Digital Lock Detector
Typical R-divider and N-divider output waveforms are shown in Figure 23, along with the state transition
diagram of the lock detector. The lo
ck signal goes active after a number of consecutive “in_phase” pulses are
received by the control logic, defined by the lock threshold (PLL1_LOCKDET bits 4-0); the lock signal
subsequently goes inactive after a number of consecutive “out_of_phase” pulses are received, defined by the
loss-of-lock threshold (PLL1_LOCKDET bits 7-5). Note that when the PLL is out of lock (lock = 0), the error
window width is set by the “lock window” value in PLL1_LOCKDET bits 10-8; when the PLL is in lock (lock =
1), the error
window width is increased by the “loss-of-lock” multiplier in PLL1_LOCKDET bits 12-11.The lock
status is communicated to the host µC through the PLL1_STATUS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com