Electronic Components Datasheet Search
  English  ▼

X  

DB839 Datasheet(PDF) 3 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 3 Page - CML Microcircuits

  DB839 Datasheet HTML 1Page - CML Microcircuits DB839 Datasheet HTML 2Page - CML Microcircuits DB839 Datasheet HTML 3Page - CML Microcircuits DB839 Datasheet HTML 4Page - CML Microcircuits DB839 Datasheet HTML 5Page - CML Microcircuits DB839 Datasheet HTML 6Page - CML Microcircuits DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Digitally Controlled Analog I/O Processor
3
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
1
Block Diagram
4:1
MUX
1:4
MUX
A/D
10
bit
A/DIN2
A/DIN3
A/DIN4
A/DIN1
HIGH COMPARATOR
A/D REG3
LOW COMPARATOR
HIGH COMPARATOR
A/D REG4
LOW COMPARATOR
HIGH COMPARATOR
A/D REG1
LOW COMPARATOR
HIGH COMPARATOR
A/D REG2
LOW COMPARATOR
DAC1
8/10 bit
DAC3
8/10 bit
DAC2
8/10 bit
DACOUT1
DACOUT2
DACOUT3
ADC COMP IRQ
DVDD
VBIAS
AVDD
VSS
4-wire
SERIAL INTERFACE
AND LOGIC
CONTROL
REPLY DATA
COMMAND DATA
CLOCK
OSCILLATOR
AND DIVIDERS
XTAL
XTAL/CLOCK
SERIAL CLOCK
CS
DVDD
AVDD
MOD2 IN
MOD1 IN
0 to 16dB x 0.2dB Steps
0 to 12dB x 0.4dB Steps
MOD1OUT
MOD2OUT
MUTE2
MUTE1
Figure 1: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com