Electronic Components Datasheet Search
  English  ▼

X  

DB839 Datasheet(PDF) 4 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 4 Page - CML Microcircuits

  DB839 Datasheet HTML 1Page - CML Microcircuits DB839 Datasheet HTML 2Page - CML Microcircuits DB839 Datasheet HTML 3Page - CML Microcircuits DB839 Datasheet HTML 4Page - CML Microcircuits DB839 Datasheet HTML 5Page - CML Microcircuits DB839 Datasheet HTML 6Page - CML Microcircuits DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Digitally Controlled Analog I/O Processor
4
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
2
Signal List
Pin No.
Name
Type
Description
1
XTAL
output
The output of the on-chip oscillator inverter.
2
XTAL/CLOCK
input
The input to the on-chip oscillator inverter, for external Xtal circuit or clock.
3
SERIAL CLOCK
input
The 'C-BUS' serial clock input. This clock, produced by the µC, is used for
transfer timing of commands and data to and from the device. See Figure 5.
4
COMMAND DATA
input
The 'C-BUS' serial data input from the µC. Data is loaded into this device in
8-bit bytes, MSB (B7) first, and LSB (B0) last, synchronized to the SERIAL
CLOCK. See Figure 5.
5
REPLY DATA
output
The 'C-BUS' serial data output to the µC. The transmission of REPLY DATA
bytes is synchronized to the SERIAL CLOCK under the control of the CS
input.
This tri-state output is held at high impedance when not sending data to the
µC. See Figure 5.
6
CS
input
The 'C-BUS' data loading control function. This input is provided by the µC.
Data transfer sequences are initiated, completed or aborted by the CS signal.
See Figure 5.
7
IRQ
output
This output indicates an interrupt condition to the µC by going to a logic '0'.
This is a 'wire-ORable' output, enabling the connection of up to 8 peripherals
to 1 interrupt port on the µC. This pin has a low impedance pulldown to logic
'0' when active and a high-impedance when inactive. An external pullup
resistor is required.
The conditions that cause interrupts are indicated in the IRQ FLAG register
and are effective if not disabled.
8
A/DIN1
input
Analog to digital converter input 1 (A/D1)
9
A/DIN2
input
Analog to digital converter input 2 (A/D2)
10
A/DIN3
input
Analog to digital converter input 3 (A/D3)
11
A/DIN4
input
Analog to digital converter input 4 (A/D4)
12
VSS
power
Negative supply (ground) for both analog and digital supplies.
13
VBIAS
output
An analog bias line for the internal circuitry, held at AVDD/2. This pin must be
bypassed by a capacitor mounted close to the device pins.
14
N/C
No internal connection. Do not make any connection to this pin.
15
DACOUT1
output
Digital to analog converter No. 1 output (DAC1)
16
DACOUT2
output
Digital to analog converter No. 2 output (DAC2)
17
DACOUT3
output
Digital to analog converter No. 3 output (DAC3)
18
N/C
No internal connection. Do not make any connection to this pin.
19
AVDD
power
Positive analog supply. Analog levels and voltages are dependent upon this
supply. This pin should be bypassed to VSS by a capacitor.
20
MOD1 IN
input
Input to MOD1 variable attenuator.
21
MOD2 IN
input
Input to MOD2 variable attenuator.
22
MOD1
output
Output of MOD1 variable attenuator.
23
MOD2
output
Output of MOD2 variable attenuator.
24
DVDD
power
Positive digital supply. Digital levels and voltages are dependent upon this
supply. This pin should be bypassed to VSS by a capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com