Electronic Components Datasheet Search
  English  ▼

X  

DB839 Datasheet(PDF) 15 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 11Page - CML Microcircuits DB839 Datasheet HTML 12Page - CML Microcircuits DB839 Datasheet HTML 13Page - CML Microcircuits DB839 Datasheet HTML 14Page - CML Microcircuits DB839 Datasheet HTML 15Page - CML Microcircuits DB839 Datasheet HTML 16Page - CML Microcircuits DB839 Datasheet HTML 17Page - CML Microcircuits DB839 Datasheet HTML 18Page - CML Microcircuits DB839 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Digitally Controlled Analog I/O Processor
15
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1.3
Operating Characteristics
For the following conditions unless otherwise specified:
AVDD= DVDD = VDD = 3.3V to 5.0V, TAMB = 25°C
Notes
Min.
Typ.
Max.
Units
DC Parameters
Supply Voltage
3.0
5.0
5.5
V
Supply Difference (AVDD - DVDD)
-100
100
mV
IDD
VDD = 5V
powersaved
250
400
PA
not powersaved
4.5
7.0
mA
VDD = 3.3V
powersaved
150
250
PA
not powersaved
2.5
4.0
mA
'C-BUS' Interface
Input Logic '1'
70%
DVDD
Input Logic '0'
30%
DVDD
Input Leakage Current (Logic '1' and '0')
-1.0
1.0
µA
Input Capacitance
7.5
pF
Output Logic '1' (IOH = 120µA)
90%
DVDD
Output Logic '0' (IOL = 360µA)
10%
DVDD
DACs and Output Buffers (Guaranteed monotonic)
Un-loaded Performance
Resolution
8 or 10
Bits
Internal DAC Settling Time (to 0.5 lsb)
10.0
µs
Integral non-linearity
Figure 4
7
8 Bit mode
3.0
LSBs
10 Bit mode
5.0
LSBs
Differential non-linearity
Figure 3
6
8 Bit mode
1.0
LSBs
10 Bit mode
1.0
LSBs
Buffer Slew Rate (with 20pF load)
TBD
V/µs
Buffer Output Resistance
200
:
Zero Error (For 0000HEX code input)
-20
0
20
mV
RMS Output Noise Voltage
1
10
µV
Loaded Performance
2
Output voltage with 5k
: resistive load to ground
Digital code = 3FFHEX
34.79
V
Digital code = 200HEX, 10 Bit
3
2.495
V
Digital code = 80HEX, 8 Bit
3
2.495
V
Output voltage with 5k
: resistive load to VDD
Digital code = 000HEX
3
200
mV
Minimum Resistive Load
4
1.0
k
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com