Electronic Components Datasheet Search
  English  ▼

X  

DB839 Datasheet(PDF) 14 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 10Page - CML Microcircuits DB839 Datasheet HTML 11Page - CML Microcircuits DB839 Datasheet HTML 12Page - CML Microcircuits DB839 Datasheet HTML 13Page - CML Microcircuits DB839 Datasheet HTML 14Page - CML Microcircuits DB839 Datasheet HTML 15Page - CML Microcircuits DB839 Datasheet HTML 16Page - CML Microcircuits DB839 Datasheet HTML 17Page - CML Microcircuits DB839 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Digitally Controlled Analog I/O Processor
14
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6
Performance Specification
6.1
Electrical Performance
6.1.1
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Notes
Min.
Max.
Units
Supply (VDD - VSS) (either AVDD or DVDD)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current
AVDD
-30
30
mA
DVDD
-30
30
mA
VSS
-30
30
mA
Any other pin
-20
20
mA
AVDD - DVDD
Note 1, 2
-100
100
mV
DW / P Package
Total Allowable Power Dissipation at TAMB = 25°C
800
mW
Derating above 25°C
13
mW/°C above 25°C
Storage Temperature
-55
125
°C
Operating Temperature
-40
85
°C
DS Package
Total Allowable Power Dissipation at TAMB = 25°C
550
mW
Derating above 25°C
9
mW/°C above 25°C
Storage Temperature
-55
125
°C
Operating Temperature
-40
85
°C
Note:
1.
It is recommended that AVDD be connected to DVDD through a filter.
2.
It is also recommended that AVDD and DVDD Voltages be tightly AC coupled to VSS with a capacitor.
6.1.2
Operating Limits
Correct operation of the device outside these limits is not implied.
Min.
Max.
Units
Supply (VDD - VSS) (either AVDD or DVDD)3.0
5.5
V
Operating Temperature
-40
85
°C
Xtal Frequency
0.5
6.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com