Electronic Components Datasheet Search
  English  ▼

X  

PVI5080NSPBF. Datasheet(PDF) 2 Page - International Rectifier

Part # PVI5080NSPBF.
Description  Isolated Voltage Source
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVI5080NSPBF. Datasheet(HTML) 2 Page - International Rectifier

  PVI5080NSPBF. Datasheet HTML 1Page - International Rectifier PVI5080NSPBF. Datasheet HTML 2Page - International Rectifier PVI5080NSPBF. Datasheet HTML 3Page - International Rectifier PVI5080NSPBF. Datasheet HTML 4Page - International Rectifier PVI5080NSPBF. Datasheet HTML 5Page - International Rectifier PVI5080NSPBF. Datasheet HTML 6Page - International Rectifier PVI5080NSPBF. Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
April 24, 2015
Series PVI-NPbF
Electrical Specifications (-40°C ≤ TA ≤ +85°C unless otherwise specified)
OUTPUT CHARACTERISTICS
PVI Series
Units
Maximum Forward Voltage @ 10µA
8.0 per channel
V(DC)
Maxiumum Reverse Current @ -10VDC
10
µA(DC)
INPUT CHARACTERISTICS
PVI Series
Units
Input Current Range (see figure 4)
2.0 to 50
mA (DC)
Maximum Forward Voltage Drop @ 10mA, 25°C (see figure 5)
1.4
V (DC)
Maximum Reverse Voltage
6.0
V(DC)
Maximum Reverse Current @ -6.0V (DC), 25°C
100
µA(DC)
Maximum Pulsed Input Current @ 25°C (see figure 6)
1.0
A(peak)
GENERAL CHARACTERISTICS
PVI5050N
/5080N PVI1050N
Units
Min. Dielectric Strength, Input-Output
4000
2500
VRMS
Min. Dielectric Strength, Output-to-Output
1200
VDC
Min. Insulation Resistance, Input-to-Output
@TA=+25°C, 50%RH, 100VDC
Max. Pin Soldering Temperature (10 seconds max.)
+260
°C
Ambient Temperature Range: Operating
-40 to +85
°C
Storage
-40 to +125
°C
1012
Ω
COUPLED CHARACTERISTICS
PVI5050N
PVI5080N
PVI1050N
Units
Minimum Open Circuit Voltage @ ILED = 10mA, 25°C, RL = >10MΩ
5.0
5.0/channel
V (DC)
(see figures 1 to 2)
10 series
Minimum Short Circuit Current @ ILED = 10mA, 25°C (see figures 1 to 2)
5.0
8.0
5.0 /channel
µA (DC)
10 parallel
Maximum Capacitance (Input/Output)
1.0
2.0
pF
Maximum Ton Time @ ILED=10mA, CLOAD=10pF (See Figure7)
RL>20MΩ
300
µS
RL=10MΩ
160
µS
RL=4.7MΩ
90
µS
Maximum Toff Time @ ILED=10mA, CLOAD=10pF (See Figure7)
220
µS
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com