Electronic Components Datasheet Search
  English  ▼

X  

PVI5080NSPBF. Datasheet(PDF) 4 Page - International Rectifier

Part # PVI5080NSPBF.
Description  Isolated Voltage Source
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVI5080NSPBF. Datasheet(HTML) 4 Page - International Rectifier

  PVI5080NSPBF. Datasheet HTML 1Page - International Rectifier PVI5080NSPBF. Datasheet HTML 2Page - International Rectifier PVI5080NSPBF. Datasheet HTML 3Page - International Rectifier PVI5080NSPBF. Datasheet HTML 4Page - International Rectifier PVI5080NSPBF. Datasheet HTML 5Page - International Rectifier PVI5080NSPBF. Datasheet HTML 6Page - International Rectifier PVI5080NSPBF. Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
April 24, 2015
Series PVI-NPbF
Application Note:
The outputs of the PVI1050N (pins 5-6 and 7-8) may be placed in series connection to produce a 10-volt output
with a 5μA minimum short circuit current. Alternatively, the two ouptut of the PVI1050 may be connected in paral-
lel to produce a 5.0-volt ouput with a 10μA minimum short circuit current.
The two outputs of the PVI1050N may be applied separately with a maximum 1200VDC between the outputs.
Input-to-output isolation to either output is 2500V (RMS).
Figure 7. Typical Response Time
Load Capacitance (pF)
Wiring Diagram
10
100
1000
10000
0
200
400
600
800
1000
Ton
RL=10MΩ
RL=4.7MΩ
RL=2.2MΩ
Toff
Anode
(+) 1
Cathode
Anode
Cathode
(-) 2
(+) 3
(-) 4
(-) 8
(+) 7
(-) 6
(+) 5
PVI1050N
Anode
(+) 2
Cathode
(-) 3
(+) 5
(-) 8
DC
PVI5050N
PVI5080N



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com