Electronic Components Datasheet Search
  English  ▼

X  

PVI5080NSPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # PVI5080NSPBF.
Description  Isolated Voltage Source
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVI5080NSPBF. Datasheet(HTML) 1 Page - International Rectifier

  PVI5080NSPBF. Datasheet HTML 1Page - International Rectifier PVI5080NSPBF. Datasheet HTML 2Page - International Rectifier PVI5080NSPBF. Datasheet HTML 3Page - International Rectifier PVI5080NSPBF. Datasheet HTML 4Page - International Rectifier PVI5080NSPBF. Datasheet HTML 5Page - International Rectifier PVI5080NSPBF. Datasheet HTML 6Page - International Rectifier PVI5080NSPBF. Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The PVI Series Photovoltaic Isolator generates an
electrically isolated DC voltage upon receipt of a DC
input signal. It is capable of directly driving gates of
power MOSFETs or IGBTs. It utilizes a monolithic
integrated circuit photovoltaic generator of novel
construction as its output. The output is controlled by
radiation from a GaAlAs light emitting diode (LED),
which is optically isolated from the photovoltaic
generator.
The PVI Series is ideally suited for applications
requiring high-current and/or high-voltage switching
with optical isolation between the low-level driving
circuitry and high-energy or high-voltage load circuits.
It can be used for directly driving gates of power
MOSFETs. The dual-channel device allows its outputs
to drive independent discrete power MOSFETs, or be
connected in parallel or in series to provide higher
current drive for power MOSFETs or higher voltage
drive for IGBTs. The PVI Series Photovoltaic isolators
employ fast turn-off circuitry.
These PVI Series Photovoltaic Isolators are packaged
in 8-pin, molded DIP packages and available with
either thru-hole or surface-mount (“gull-wing”) leads,
in plastic shipping tubes.
Applications
Features
§
Isolated Voltage Source
§
Monolithic Construction
§
Up to 8μA Output
§
Single or Dual Output
§
Solid-State Reliability
Part Identification
PVI1050NPbF
PVI5050NPbF
thru-hole
PVI5080NPbF
PVI1050NSPbF
PVI5050NSPbF
PVI5080NSPbF
PVI1050NS-TPbF
surface-mount, tape
and reel
surface-mount
(gull-wing)
§
Load Distribution
§
Industrial Controls
§
Current-to-Voltage Conversion
§
Custom Solid-State Relay
Series PVI-NPbF
Photovoltaic Isolator
Single and Dual Channel
5-10 Volt Output
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
April 24, 2015


Similar Part No. - PVI5080NSPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVI5080NSPBF IRF-PVI5080NSPBF Datasheet
1Mb / 6P
Photovoltaic Isolator Single and Dual Channel 5-10 Volt Output
logo
Infineon Technologies A...
PVI5080NSPBF INFINEON-PVI5080NSPBF Datasheet
707Kb / 7P
Photovoltaic Isolator Single Channel 5-10 Volt Output
2017-12-05
More results

Similar Description - PVI5080NSPBF.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UDN-6510A ETC1-UDN-6510A Datasheet
162Kb / 3P
HIGH-VOLTAGE SOURCE DRIVERS
logo
New Jersey Semi-Conduct...
2N3970 NJSEMI-2N3970 Datasheet
164Kb / 1P
DRAIN-SOURCE VOLTAGE
2N4340 NJSEMI-2N4340 Datasheet
147Kb / 1P
GATE-SOURCE BREAKDOWN VOLTAGE
2N5265 NJSEMI-2N5265 Datasheet
157Kb / 1P
DRAIN-SOURCE VOLTAGE
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
ZVN0106A NJSEMI-ZVN0106A Datasheet
85Kb / 1P
Drain-source voltage
logo
PHOENIX CONTACT
2902823 PHOENIX-2902823 Datasheet
218Kb / 9P
Constant voltage source
logo
Directed Energy, Inc.
PVX-4000-2KV DEI-PVX-4000-2KV Datasheet
731Kb / 3P
Pulsed Voltage Source
PVX-4000-2KV-EX DEI-PVX-4000-2KV-EX Datasheet
731Kb / 3P
Pulsed Voltage Source
logo
TEKTRONIX, INC.
6487 TEKTRONIX-6487 Datasheet
282Kb / 4P
Picoammeter/ Voltage Source
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com