Electronic Components Datasheet Search
  English  ▼

X  

PVI5080NSPBF. Datasheet(PDF) 3 Page - International Rectifier

Part # PVI5080NSPBF.
Description  Isolated Voltage Source
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVI5080NSPBF. Datasheet(HTML) 3 Page - International Rectifier

  PVI5080NSPBF. Datasheet HTML 1Page - International Rectifier PVI5080NSPBF. Datasheet HTML 2Page - International Rectifier PVI5080NSPBF. Datasheet HTML 3Page - International Rectifier PVI5080NSPBF. Datasheet HTML 4Page - International Rectifier PVI5080NSPBF. Datasheet HTML 5Page - International Rectifier PVI5080NSPBF. Datasheet HTML 6Page - International Rectifier PVI5080NSPBF. Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
April 24, 2015
Series PVI-NPbF
Figure 1. PVI5050N, PVI1050N Typical Output Characteristics
Input Current (mA)
Figure 2. PVI5080N Typical Output Characteristics
Input Current (mA)
0
1
2
3
4
5
6
7
8
02468
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
0
2
4
6
8
1012
14
161820
0
5
10
15
20
25
30
35
40
Open Circuit Voltage
RL=10MΩ
RL=4.7M
Ω
RL=2.2MΩ
RL=1M
Ω
Short Circuit Current
Open Circuit Voltage
RL=10MΩ
RL=4.7MΩ
RL=2.2M
Ω
RL=1MΩ
Short Circuit Current
Figure 4. Input Current Derating
Ambient Temperature (°C)
Figure 5. Input Characteristics
Duty Cycle
Figure 6. Input Pulse Capability
Figure 3. Typical Variation of Output
Forced Air Temperature (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Short Circuit Current (Isc)
Output Voltage (Voc)
LED Forward Voltage Drop (VDC)
CAUTION: Provide current limiting
so that 50mA maximum steady-
state control current is not
exceeded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com