Electronic Components Datasheet Search
  English  ▼

X  

MAX9002ESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX9002ESA
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9002ESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX9002ESA Datasheet HTML 12Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 13Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 14Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 15Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 16Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 17Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 18Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 19Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
antenna can be long parallel wires spaced about 7.2cm
apart, with equal but opposite currents. Radio waves
from this antenna are detectable when the receiver is
brought within close proximity, but cancel out at greater
distances.
Infrared Receiver Front End for
Remote Controls and Data Links
The circuit in Figure 9 uses the MAX9003 as a PIN pho-
todiode preamplifier and discriminator for an infrared
receiver. The op amp is configured as a Delyiannis-
noise and eliminates low-frequency interference from
sunlight, fluorescent lights, etc. This circuit is applica-
ble for TV remote controls and low-frequency data links
up to 200kbps. Carrier frequencies are limited to
around 100kHz, as in the example circuit. Component
layout and routing for the amplifier should be tight to
reduce stray capacitance, 60Hz interference, and RFI
from the comparator. Crosstalk from comparator edges
distorts the amplifier signal. To minimize this effect, add
a lowpass RC filter to the connection from the reference
to the op amp’s noninverting input.
Signal Conditioning
For incoming signals that require filtering, the internal
amplifier provides an opportunity to create an active fil-
ter. This may be required for relatively high-speed sig-
nals that require adequate filtering of high-speed
carrier frequencies, harmonics, and external noise. In
addition, the amplifier can be used to amplify the signal
prior to digitizing it through the comparator to improve
the comparator’s overall output response and improve
its noise immunity.
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
16
______________________________________________________________________________________
REF
0.1
µF
0.1
µF
1
2
π fC
100k
1.230V
VCC = 5V
COMP
AMP
C2
15pF, 5%
100kHz,
5Vp-p
C1
150pF,
5%
NEC
PH302B
NEC
SE307-C
51
Ω
R1A
49.9k
1%
R1B
4.99k
1%
R2
100k,
1%
LAYOUT-SENSITIVE AREA
MAX9003
R1 x C1 = R2 x C2 =
4.99k
Figure 9. Infrared Receiver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com