Electronic Components Datasheet Search
  English  ▼

X  

MAX9002ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9002ESA
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9002ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9002ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 9Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
6
_______________________________________________________________________________________
____________________________________Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM (op amp) = 0, SHDN = VDD, COUT = low, RL = ∞, TA = +25°C, unless otherwise noted.)
-30
-10
-20
10
0
20
30
2.5
3.5
4.0
3.0
4.5
5.0
5.5
CHANGE IN OP-AMP OFFSET VOLTAGE (VOS)
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-150
-100
0
-50
50
100
-40
0
-20
20
40
60
80
100
CHANGE IN OP-AMP OFFSET VOLTAGE (VOS)
vs. TEMPERATURE
TEMPERATURE (°C)
84
86
85
88
87
91
90
89
92
-40
0
-20
20
40
60
80
100
OP-AMP COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
TEMPERATURE (°C)
80
100
90
120
110
130
140
0
200
300
100
400
500
600
OP-AMP LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE FROM EITHER SUPPLY (mV)
RL = 2kΩ
RL = 10kΩ
VDD = 5.5V
RL TO GND
RL = 100kΩ
80
100
90
120
110
130
140
0
200
300
100
400
500
600
OP-AMP LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE FROM EITHER SUPPLY (mV)
RL = 2kΩ
RL = 10kΩ
VDD = 5.5V
RL TO VDD
RL = 100kΩ
80
100
90
120
110
130
140
0
200
300
100
400
500
600
OP-AMP LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE FROM EITHER SUPPLY (mV)
VDD = 2.5V
RL TO GND
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
80
100
90
120
110
130
140
-40
0
20
-20
40
60
80
100
OP-AMP LARGE-SIGNAL GAIN
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 5.5V
RL TO VDD/2
VOUT SWING = 0.2V TO 5.3V
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ
100
120
110
130
140
0
200
300
100
400
500
600
OP-AMP LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE FROM EITHER SUPPLY (mV)
RL = 2kΩ
RL = 10kΩ
VDD = 2.7V
RL TO VDD
RL = 100kΩ
80
100
90
120
110
130
140
-40
0
20
-20
40
60
80
100
OP-AMP LARGE-SIGNAL GAIN
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 2.5V
RL TO VDD/2
VOUT SWING = 0.2V TO 2.3V
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com