Electronic Components Datasheet Search
  English  ▼

X  

MAX9002ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9002ESA
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9002ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9002ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
4
_______________________________________________________________________________________
VDD = 5V, RL = 10kΩ, CL = 15pF (Note 5)
VOD = 25mV, RL = 10kΩ, CL = 15pF (Note 4)
VSHDN
≤ (0.3V x VDD), VCOUT = 0 to VDD
MAX9001/MAX9002/MAX9004/MAX9005,
0.15V
≤ VCM ≤ (VDD - 1.1V), VDD = 5.5V
(VCIN+ - VCIN-)
≥ 20mV
VDD = 2.5V to 5.5V
CONDITIONS
ns
100
Power-On Time
ns
100
Enable Delay Time
ns
100
Shutdown Delay Time
ns
10
tR, tF
Rise/Fall Time
ns
185
tPD+, tPD-
Propagation Delay
µA
±0.01
±1
IOUT
(DISABLED)
Disabled Mode Output
Leakage
mA
55
Output Short-Circuit
Current
mV
400
VOL/VOH
Output Voltage Swing
5
nA
8
80
IBIAS
Input Bias Current
400
5
dB
72
100
CMRR
Common-Mode
Rejection Ratio
dB
72
100
PSRR
Power-Supply Rejection
Ratio
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Comparator Input Offset is defined as the center of the input-referred hysteresis zone.
Note 2: Measured at VCM(COMP) = 0 for the MAX9001/MAX9002/MAX9004/MAX9005; or VCM(COMP) = VREF for the MAX9000/MAX9003.
Note 3: Input-referred hysteresis is defined as the difference of the trip points required to change comparator output states.
Note 4: VOD is the overdrive that is beyond the offset and hysteresis-determined trip points.
Note 5: Rise and fall times are measured between 10% and 90% at COUT.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.5V to +5.5V, VSS = 0, SHDN = VDD (MAX9001/MAX9004 only), VCM(OP AMP) = 0, VAOUT = VDD / 2, VCM(COMP) = 0 (for
MAX9001/MAX9002/MAX9004/MAX9005), COUT = low, IOUT(REF) = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDD = 5V and TA = +25°C.)
Shorted to VDD
Shorted to VSS
VDD = 5V,
IOUT = 0 to 1mA
VDD = 2.5V to 5.5V
MAX900_ES_, VDD = 5V, TA = +25°C
mA
10
6
Output Short-Circuit
Current
0.15
0.8
µV/V
20
250
Line Regulation
ppm/°C
8
TCVREF
Output Voltage
Temperature Coefficient
V
VREF
Output Voltage
1.218
1.230
1.242
mV/mA
0.6
2.0
Load Regulation
0.1Hz to 10Hz
VSHDN
≤ (0.3V x VDD), VREF = 0 to VDD
µVp-p
20
Output Noise
µA
±0.01
±1
Disabled Mode Output
Leakage
RL = 100kΩ to VSS, VREF within 1%
µs
16
Enable Delay Time
µs
1
Shutdown Delay Time
RL = 100kΩ to VSS, VREF within 1%
nF
0 to 100
Capacitive Load Stability
µs
16
Power-On Time
VDD - VOH
ISOURCE = 10µA
ISOURCE = 4mA
ISINK = 10µA
ISINK = 4mA
VOL
Sourcing
Sinking
mV/mA
Guaranteed by CMRR test
V
VSS -
VDD -
0.15
1.1
VCM
Common-Mode
Voltage Range
VOLTAGE REFERENCE (MAX9000/MAX9001/MAX9003/MAX9004)
Input Offset Current
IOS
MAX9001/MAX9002/MAX9004/MAX9005
±2
±15
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com