Electronic Components Datasheet Search
  English  ▼

X  

MAX9002ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9002ESA
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9002ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9002ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9002ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
_______________________________________________________________________________________
3
f = 10kHz
f = 10kHz
VAIN+ - VAIN- ≥ 10mV
VDD = 5.5V
VDD = 2.5V
CONDITIONS
fA/
√Hz
1
INOISE
Input Noise Current Density
nV/
√Hz
36
VNOISE
Input Noise Voltage Density
pF
2.5
CIN
Input Capacitance
140
250
1
5
1
5
94
125
dB
86
106
AVOL
Large-Signal Voltage Gain
84
115
94
120
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.5V to +5.5V, VSS = 0, SHDN = VDD (MAX9001/MAX9004 only), VCM(OP AMP) = 0, VAOUT = VDD / 2, VCM(COMP) = 0 (for
MAX9001/MAX9002/MAX9004/MAX9005), COUT = low, IOUT(REF) = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDD = 5V and TA = +25°C.)
MAX9003/MAX9004/MAX9005
MAX9000/MAX9001/MAX9002
MHz
8
GBW
Gain-Bandwidth Product
1.25
mV
60
100
VOL / VOH
Output Voltage Swing
0.009
MAX9000/MAX9001/MAX9002
MAX9000/MAX9001/MAX9002
dB
30
degrees
75
µs
2
Power-On Time
µs
2
Enable Delay Time
µs
0.2
Shutdown Delay Time
MAX9000/MAX9001/MAX9002 (AV = 1V/V)
250
VAOUT = 0.05V to 2.45V, RL = 100kΩ
VAOUT = 0.2V to 2.3V, RL = 1kΩ
VAOUT = 0.05V to 5.4V, RL = 100kΩ
VAOUT = 0.25V to 5.2V, RL = 1kΩ
VDD - VOH
VOL
VDD - VOH
VOL
MAX9000/MAX9001/
MAX9002 (AV = 1V/V)
f = 10kHz,
VAOUT = 2Vp-p,
VDD = 5V
%
0.028
THD+N
Total Harmonic Distortion
plus Noise
MAX9003/MAX9004/
MAX9005 (AV = 10V/V)
VDD = 5V,
VAOUT = 4V step
µs
6.9
2.1
Settling Time to within 0.01%
MAX9000/MAX9001/
MAX9002 (AV = 1V/V)
MAX9003/MAX9004/
MAX9005 (AV = 10V/V)
MAX9003/MAX9004/MAX9005 (AV = 10V/V)
pF
250
CLOAD
Capacitive-Load Stability
µV/°C
TCVOS
Input Offset Voltage
Temperature Coefficient
MAX900_ES_
±1
mV
Input-Referred Hysteresis
VDD = 5V (Notes 2, 3)
4
7
RL = 100kΩ
RL = 1kΩ
MAX9003/MAX9004/MAX9005
80
Phase Margin
MAX9003/MAX9004/MAX9005
40
Gain Margin
mV
VOS
Input Offset Voltage
MAX900_ES_ (Notes 1, 2)
±1
±2
VDD = 5V,
VAOUT = 4V step
V/µs
0.85
6.0
SR
Slew Rate
MAX9000/MAX9001/
MAX9002 (AV = 1V/V)
MAX9003/MAX9004/
MAX9005 (AV = 10V/V)
COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com