Electronic Components Datasheet Search
  English  ▼

X  

MAX9012 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9012
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9012 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9012 Datasheet HTML 4Page - Maxim Integrated Products MAX9012 Datasheet HTML 5Page - Maxim Integrated Products MAX9012 Datasheet HTML 6Page - Maxim Integrated Products MAX9012 Datasheet HTML 7Page - Maxim Integrated Products MAX9012 Datasheet HTML 8Page - Maxim Integrated Products MAX9012 Datasheet HTML 9Page - Maxim Integrated Products MAX9012 Datasheet HTML 10Page - Maxim Integrated Products MAX9012 Datasheet HTML 11Page - Maxim Integrated Products MAX9012 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
8
_______________________________________________________________________________________
tional factor in resolution is the comparator’s stability in
its linear region. Many high-speed comparators are
useless in their linear region because they oscillate.
This makes the differential input voltage region around
zero unusable. Hysteresis helps to cure the problem
but reduces resolution (Figure 2). The devices do not
oscillate in the linear region and require no hysteresis,
which greatly enhances their resolution.
Applications Information
Power Supplies, Bypassing, and
Board Layout
These products operate over a supply voltage range of
4.5V to 5.5V. Bypass VCC to GND with a 0.1µF surface-
mount ceramic capacitor. Mount the ceramic capacitor
as close as possible to the supply pin to minimize lead
inductance.
As with all high-speed components, careful attention to
board layout is essential for best performance. Use a
PC board with an unbroken ground plane. Pay close
attention to the bandwidth of bypass components and
place them as close as possible to the device.
Minimize the trace length and area at the comparator
inputs. If the source impedance is high, take the utmost
care in minimizing its susceptibility to pickup of unwant-
ed signals.
Input Slew Rate
Most high-speed comparators have a minimum input
slew-rate requirement. If the input signal does not
transverse the region of instability within a propagation
delay of the comparator, the output can oscillate. This
makes many high-speed comparators unsuitable for
processing either slow-moving signals or fast-moving
signals with low overdrive. The design of these devices
eliminates the minimum input slew-rate requirement.
They are excellent for circuits from DC up to 200MHz,
even with very low overdrive, where small signals need
to be resolved.
Figure 1. Timing Diagram
tH
tSU
tPD+
VIN
(DIFFERENTIAL)
LATCH
ENABLE (LE)
OUT
Figure 2. Effect of Hysteresis on Input Resolution
HYSTERESIS
BAND*
WITH HYSTERESIS
IDEAL (WITHOUT HYSTERESIS)
* WHEN HYSTERESIS IS ADDED, A COMPARATOR CANNOT RESOLVE ANY INPUT SIGNAL WITHIN THE HYSTERESIS BAND.
OUT
IN-
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com