Electronic Components Datasheet Search
  English  ▼

X  

MAX9012 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9012
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9012 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9012 Datasheet HTML 1Page - Maxim Integrated Products MAX9012 Datasheet HTML 2Page - Maxim Integrated Products MAX9012 Datasheet HTML 3Page - Maxim Integrated Products MAX9012 Datasheet HTML 4Page - Maxim Integrated Products MAX9012 Datasheet HTML 5Page - Maxim Integrated Products MAX9012 Datasheet HTML 6Page - Maxim Integrated Products MAX9012 Datasheet HTML 7Page - Maxim Integrated Products MAX9012 Datasheet HTML 8Page - Maxim Integrated Products MAX9012 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power Supply (VCC to GND) ...................................-0.3V to +6V
Analog Input (IN+ or IN-) to GND...............-0.3V to (VCC + 0.3V)
Input Current (IN+ or IN-) .................................................±30mA
LE to GND ..................................................-0.3V to (VCC + 0.3V)
Continuous Output Current...............................................±40mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/°C above +70°C) .............245mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)...........696mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ............362mW
8-Pin SO (derate 5.9mW/°C above +70°C).................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS (MAX9010/MAX9011)
(VCC = 5V, VLE = 0 (MAX9011 only), VCM = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from VOS tests
4.5
5.5
V
Power-Supply Current (Note 2)
ICC
0.90
2.1
mA
TA = +25°C±1
±5
Input Offset Voltage
(Note 3)
VOS
TA = TMIN to TMAX
±7
mV
Input Offset-Voltage Drift
∆VOS/∆T
±2
µV/°C
Input Bias Current
IB
±0.5
±2
µA
Input Offset Current
IOS
±40
±200
nA
Differential Input Resistance
(Note 4)
RIN(DIFF)
VIN(DIFF) = ±10mV
250
k
Ω
Common-Mode Input
Resistance (Note 4)
RIN(CM)
-0.2V
≤ VCM ≤ (VCC - 1.9V)
1
M
Ω
Common-Mode Input Voltage
Range (Note 4)
VCM
Inferred from VOS tests
-0.2
VCC - 1.9
V
Common-Mode Rejection
Ratio
CMRR
-0.2V
≤ VCM ≤ (VCC - 1.9V)
95
dB
Power-Supply Rejection Ratio
PSRR
VCC = 4.5V to 5.5V
82
dB
Small-Signal Voltage Gain
AV
1V
≤ VOUT ≤ 2V
3000
V/V
ISINK = 0
0.3
0.5
Output Low Voltage
VOL
VIN
≥ 100mV
ISINK = 4mA
0.5
0.6
V
ISOURCE = 0
2.7
3.3
Output High Voltage
VOH
VIN
≥ 100mV,
VCC = 4.5V
ISOURCE = 4mA
2.4
2.9
V
Sinking
20
Output Short-Circuit Current
IOUT
Sourcing
30
mA
Latch Enable Pin High Input
Voltage
VIH
MAX9011 only
2
V
Latch Enable Pin Low Input
Voltage
VIL
MAX9011 only
0.8
V
Latch Enable Pin Bias Current
IIH, IIL
MAX9011 only,
VLE = 0 and VLE = 5V
±25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com