Electronic Components Datasheet Search
  English  ▼

X  

MAX9012 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9012
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9012 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9012 Datasheet HTML 1Page - Maxim Integrated Products MAX9012 Datasheet HTML 2Page - Maxim Integrated Products MAX9012 Datasheet HTML 3Page - Maxim Integrated Products MAX9012 Datasheet HTML 4Page - Maxim Integrated Products MAX9012 Datasheet HTML 5Page - Maxim Integrated Products MAX9012 Datasheet HTML 6Page - Maxim Integrated Products MAX9012 Datasheet HTML 7Page - Maxim Integrated Products MAX9012 Datasheet HTML 8Page - Maxim Integrated Products MAX9012 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (MAX9012/MAX9013) (continued)
(VCC = 5V, VLE = 0 (MAX9013 only), VCM = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal Voltage Gain
AV
1V
≤ VOUT ≤ 2V
1000
3000
V/V
ISINK = 0
0.3
0.5
Output Low Voltage
VOL
VIN
≥ 100mV
ISINK = 4mA
0.5
0.6
V
ISOURCE = 0
2.7
3.3
Output High Voltage
VOH
VIN
≥ 100mV,
VCC = 4.5V
ISOURCE = 4mA
2.4
2.9
V
Sinking
20
Output Short-Circuit Current
IOUT
Sourcing
30
mA
Latch Enable Pin High Input
Voltage
VIH
MAX9013 only
2
V
Latch Enable Pin Low Input
Voltage
VIL
MAX9013 only
0.8
V
Latch Enable Pin Bias Current
IIH, IIL
MAX9013 only
VLE = 0 and VLE = 5V
±25
µA
Input Noise-Voltage Density
en
f = 100kHz
6
nV/
√Hz
VOVERDRIVE = 100mV
5
8
CLOAD = 5pF,
TA = +25°C
VOVERDRIVE = 5mV
5.5
9
VOVERDRIVE = 100mV
9
Propagation Delay (Note 6)
tPD+, tPD-
CLOAD = 5pF,
TA = TMIN to TMAX
VOVERDRIVE = 5mV
10
ns
Differential Propagation Delay
(Notes 6, 7)
∆tPD±
VIN = 100mV step, CLOAD = 5pF,
VOD = 5mV
23
ns
Channel-to-Channel
Propagation Delay (Note 6)
∆tPD(ch-ch)
MAX9012 only, VIN = 100mV step,
CLOAD = 5pF, VOD = 5mV
500
ps
Output Rise Time
tR
0.5V
≤ VOUT ≤ 2.5V
3
ns
Output Fall Time
tF
2.5V
≥ VOUT ≥ 0.5V
2
ns
Latch Setup Time (Note 8)
tSU
MAX9013 only
2
0
ns
Latch Hold Time (Note 8)
tH
MAX9013 only
2
0.5
ns
Latch Propagation Delay
(Note 8)
tLPD
MAX9013 only
5
ns
MAX9012EUA/MAX9013EUA
1.5
Input Capacitance
CIN
MAX9012ESA/MAX9013ESA
2
pF
Power-Up Time
tON
1µs
Note 1: All specifications are 100% tested at TA = +25°C; temperature limits are guaranteed by design.
Note 2: Quiescent Power-Supply Current is slightly higher with the comparator output at VOL. This parameter is specified with the worst-
case condition of VOUT = VOL for the MAX9010/MAX9011 and both outputs at VOL for the MAX9012. For the MAX9013, which
has complementary outputs, the power-supply current is specified with either OUT = VOL, OUT = VOH or OUT = VOH, OUT =
VOL (power-supply current is equal in either case).
Note 3: Input Offset Voltage is tested and specified with the Input Common-Mode Voltage set to either extreme of the Input Common-
Mode Voltage Range (-0.2V to (VCC - 1.9V)) and with the Power-Supply Voltage set to either extreme of the Power-Supply
Voltage Range (4.5V to 5.5V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com