Electronic Components Datasheet Search
  English  ▼

X  

MAX9012 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9012
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9012 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9012 Datasheet HTML 1Page - Maxim Integrated Products MAX9012 Datasheet HTML 2Page - Maxim Integrated Products MAX9012 Datasheet HTML 3Page - Maxim Integrated Products MAX9012 Datasheet HTML 4Page - Maxim Integrated Products MAX9012 Datasheet HTML 5Page - Maxim Integrated Products MAX9012 Datasheet HTML 6Page - Maxim Integrated Products MAX9012 Datasheet HTML 7Page - Maxim Integrated Products MAX9012 Datasheet HTML 8Page - Maxim Integrated Products MAX9012 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
_______________________________________________________________________________________
5
Note 4: Although Common-Mode Input Voltage Range is restricted to -0.2V
≤ VCM ≤ (VCC - 1.9V), either or both inputs can go to either
absolute maximum voltage limit, i.e., from -0.3V to (VCC + 0.3V), without damage. The comparator will make a correct (and fast)
logic decision provided that at least one of the two inputs is within the specified common-mode range. If both inputs are outside
the common-mode range, the comparator output state is indeterminate.
Note 5: For the MAX9012, Input Offset Voltage is defined as the input voltage(s) required to make the OUT output voltage(s) remain
stable at 1.4V. For the MAX9013, it is defined as the average of two input offset voltages, measured by forcing first the OUT
output, then the OUT output to 1.4V.
Note 6: Propagation delay for these high-speed comparators is guaranteed by design because it cannot be accurately measured
with low levels of input overdrive voltage using automatic test equipment in production. Note that for low overdrive
conditions, VOS is added to the overdrive.
Note 7: Differential Propagation Delay, measured either on a single output of the MAX9012/MAX9013 (or between OUT and OUT
outputs on the MAX9013) is defined as:
∆tPD(±) = |(tPD+) - (tPD-)|.
Note 8: Latch times are guaranteed by design. Latch setup time (tSU) is the interval in which the input signal must be stable prior to
asserting the latch signal. The hold time (tH) is the interval after the latch is asserted in which the input signal must remain
stable. Latch propagation delay (tLPD) is the delay time for the output to respond when the latch enable pin is deasserted
(see Figure 1).
t = 5ns/div
RESPONSE TO -5mV OVERDRIVE
IN: 50mV/div
OUT: 1V/div
0
IN
3V
+100mV
MAX9010–13 toc02
OUT
0
6.0
3.5
1
10
100
4.0
OVERDRIVE (mV)
4.5
5.0
5.5
PROPAGATION DELAY
vs. INPUT OVERDRIVE
3.0
tPD(+)
tPD(-)
t = 5ns/div
RESPONSE TO +5mV OVERDRIVE
IN: 50mV/div
OUT: 1V/div
0
IN
3V
-100mV
MAX9010–13 toc01
OUT
0
Typical Operating Characteristics
(VCC = 5V, CL = 15pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com