Electronic Components Datasheet Search
  English  ▼

X  

MAX907ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX907ESA
Description  Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX907ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX907ESA Datasheet HTML 4Page - Maxim Integrated Products MAX907ESA Datasheet HTML 5Page - Maxim Integrated Products MAX907ESA Datasheet HTML 6Page - Maxim Integrated Products MAX907ESA Datasheet HTML 7Page - Maxim Integrated Products MAX907ESA Datasheet HTML 8Page - Maxim Integrated Products MAX907ESA Datasheet HTML 9Page - Maxim Integrated Products MAX907ESA Datasheet HTML 10Page - Maxim Integrated Products MAX907ESA Datasheet HTML 11Page - Maxim Integrated Products MAX907ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
__________Applications Information
Circuit Layout
Because of the MAX907/MAX908/MAX909’s high gain
bandwidth, special precautions must be taken to real-
ize the full high-speed capability. A printed circuit
board with a good, low-inductance ground plane is
mandatory. Place the decoupling capacitor (a 0.1µF
ceramic capacitor is a good choice) as close to V+ as
possible. Pay close attention to the decoupling capaci-
tor’s bandwidth, keeping leads short. Short lead
lengths on the inputs and outputs are also essential to
avoid unwanted parasitic feedback around the com-
parators. Solder the device directly to the printed cir-
cuit board instead of using a socket.
Overdriving the Inputs
The inputs to the MAX907/MAX908/MAX909 may be
driven beyond the voltage limits given in the
Absolute
Maximum Ratings, as long as the current flowing into
the device is limited to 25mA. However, if the inputs
are overdriven, the output may be inverted. The addi-
tion of an external diode prevents this inversion by limit-
ing the input voltage to 200mV to 300mV below ground
(see Figure 3).
Battery-Operated Infrared Data Link
Figure 4's circuit allows reception of infrared data. The
MAX403 converts the photodiode current to a voltage,
and the MAX907 determines whether the amplifier output
is high enough to be called a “1”. The current consump-
tion of this circuit is minimal: The MAX403 and MAX907
require typically 250µA and 700µA, respectively.
Single/Dual/Quad High-Speed, Ultra Low-Power,
Single-Supply TTL Comparators
_______________________________________________________________________________________
9
VTRIP+
VHYST
VTRIP-
VIN+
COMPARATOR
OUTPUT
VOH
VOL
VTRIP+ + VTRIP-
2
VOS =
VIN- = 0V
Figure 1. Input and Output Waveforms, Noninverting Input
Varied
tPD+
tSKEW
VIN
VOD
th
ts
3V
1.4V
0
VOS
VOH
1.4V
VOL
VOH
1.4V
VOL
COMPARE
LATCH
LE
DIFFERENTIAL
INPUT
VOLTAGE
OUTPUT
(QOUT)
OUTPUT
(
QOUT)
Figure 2. MAX909 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com