Electronic Components Datasheet Search
  English  ▼

X  

MAX907ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX907ESA
Description  Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX907ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX907ESA Datasheet HTML 1Page - Maxim Integrated Products MAX907ESA Datasheet HTML 2Page - Maxim Integrated Products MAX907ESA Datasheet HTML 3Page - Maxim Integrated Products MAX907ESA Datasheet HTML 4Page - Maxim Integrated Products MAX907ESA Datasheet HTML 5Page - Maxim Integrated Products MAX907ESA Datasheet HTML 6Page - Maxim Integrated Products MAX907ESA Datasheet HTML 7Page - Maxim Integrated Products MAX907ESA Datasheet HTML 8Page - Maxim Integrated Products MAX907ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single/Dual/Quad High-Speed, Ultra Low-Power,
Single-Supply TTL Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, TA = +25°C; MAX909 only: V- = 0V, VLATCH = 0V; unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay
tPD+, tPD-
40
50
ns
Differential Propagation Delay
∆tPD
1
ns
Propagation Delay Skew
tPDskew
2
ns
Latch Input Voltage High
VIH
(Note 12)
2.0
V
Latch Input Voltage Low
VIL
(Note 12)
0.8
V
Latch Input Current
IIH, IIL
(Note 12)
20
µA
Latch Setup Time
ts
(Note 12)
2
ns
Latch Hold Time
th
(Note 12)
2
ns
VIN = 100mV, VOD = 5mV,
(Note 9)
VIN = 100mV, VOD = 5mV,
(Note 10)
MAX909 only: VIN = 100mV,
VOD = 5mV, (Note 11)
ELECTRICAL CHARACTERISTICS
(V+ = 5V, TA = TMIN to TMAX; MAX909 only: V- = 0V, VLATCH = 0V; unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Positive Trip Point
VTRIP+
(Note 1)
25
mV
Negative Trip Point
VTRIP-
(Note 1)
-2
-5
mV
Input Offset Voltage
VOS
(Note 2)
13
mV
Input Bias Current
IB
VCM = 0V, VIN = VOS
200
500
nA
Input Offset Current
IOS
VCM = 0V, VIN = VOS
50
100
nA
C/E temp.
ranges
(Notes 3, 4)
-0.2
V+ - 1.5
MAX907/908/909
MAX907/MAX908
-5.2
V+ - 1.5
MAX909
Common-Mode Rejection Ratio
CMRR
(Notes 4, 5)
75
200
µV/V
Power-Supply Rejection Ratio
PSRR
(Notes 4, 6)
75
200
µV/V
Output High Voltage
VOH
ISOURCE = 100µA
2.8
3.5
V
Output Low Voltage
VOL
ISINK = 3.2mA
0.3
0.4
V
MAX907/MAX908
MAX909
ISINK = 8mA
0.4
Positive Supply Current per
Comparator
I+
(Note 7)
0.8
1.2
mA
1.2
2.0
Negative Supply Current
I-
MAX909 only: V- = -5V
100
200
µA
Power Dissipation per Comparator
PD
(Note 8)
47
mW
611
MAX909 only,
V- = -5V
Input Voltage Range
VCMR
M temp.
range
(Notes 3, 4)
-0.1
V+ - 1.5
V
MAX907/908/909
MAX909 only,
V- = -5V
-5.1
V+ - 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com