Electronic Components Datasheet Search
  English  ▼

X  

MAX907ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX907ESA
Description  Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX907ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX907ESA Datasheet HTML 1Page - Maxim Integrated Products MAX907ESA Datasheet HTML 2Page - Maxim Integrated Products MAX907ESA Datasheet HTML 3Page - Maxim Integrated Products MAX907ESA Datasheet HTML 4Page - Maxim Integrated Products MAX907ESA Datasheet HTML 5Page - Maxim Integrated Products MAX907ESA Datasheet HTML 6Page - Maxim Integrated Products MAX907ESA Datasheet HTML 7Page - Maxim Integrated Products MAX907ESA Datasheet HTML 8Page - Maxim Integrated Products MAX907ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad High-Speed, Ultra Low-Power,
Single-Supply TTL Comparators
_________________________________________________________________________________________________
5
50
10
1
10
100
PROPAGATION DELAY
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
30
40
20
tPD+
tPD-
RS = 10Ω
CLOAD = 15pF
80
0
10
100
10k
PROPAGATION DELAY
vs. SOURCE IMPEDANCE
20
SOURCE IMPEDANCE (
Ω)
40
60
1k
VOD = 5mV
CLOAD = 15pF
tPD+
tPD-
70
30
0
120
PROPAGATION DELAY
vs. CAPACITIVE LOAD
40
CAPACITIVE LOAD (pF)
80
50
20
60
100
60
40
VOD = 5mV
RS = 10Ω
tPD+
tPD-
70
30
-60
-20
60
140
PROPAGATION DELAY
vs. TEMPERATURE
40
60
TEMPERATURE (°C)
20
100
50
-40
0
80
40
120
VOD = 5mV
RS = 10Ω
CLOAD = 15pF
tPD+
tPD-
5.0
3.0
1
10
1000
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
3.5
ISOURCE (µA)
4.0
4.5
100
VIN = 100mV
TA = -55°C
TA = +125°C
TA = +25°C
__________________________________________Typical Operating Characteristics
(V+ = 5V, TA = +25°C, unless otherwise noted.)
0.5
0.1
012
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
0.2
ISINK (mA)
8
0.3
26
10
0.4
4
VIN = 100mV
TA = -55°C
TA = +125°C
TA = +25°C
2.0
0
28
MAX907
TOTAL POSITIVE SUPPLY CURRENT
vs. POSITIVE SUPPLY VOLTAGE
(OUTPUTS AT VOL)
0.5
VCC (V)
6
1.0
35
7
1.5
4
TA = -55°C
TA = +125°C
TA = +25°C
2.0
0
28
MAX907
TOTAL POSITIVE SUPPLY CURRENT
vs. POSITIVE SUPPLY VOLTAGE
(OUTPUTS AT VOH)
0.5
VCC (V)
6
1.0
35
7
1.5
4
TA = -55°C
TA = +125°C
TA = +25°C
4.0
0
28
MAX908
TOTAL POSITIVE SUPPLY CURRENT
vs. POSITIVE SUPPLY VOLTAGE
(OUTPUTS AT VOL)
1.0
VCC (V)
6
2.0
35
7
3.0
4
TA = -55°C
TA = +125°C
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com