Electronic Components Datasheet Search
  English  ▼

X  

MAX907ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX907ESA
Description  Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX907ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX907ESA Datasheet HTML 1Page - Maxim Integrated Products MAX907ESA Datasheet HTML 2Page - Maxim Integrated Products MAX907ESA Datasheet HTML 3Page - Maxim Integrated Products MAX907ESA Datasheet HTML 4Page - Maxim Integrated Products MAX907ESA Datasheet HTML 5Page - Maxim Integrated Products MAX907ESA Datasheet HTML 6Page - Maxim Integrated Products MAX907ESA Datasheet HTML 7Page - Maxim Integrated Products MAX907ESA Datasheet HTML 8Page - Maxim Integrated Products MAX907ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Single/Dual/Quad High-Speed, Ultra Low-Power,
Single-Supply TTL Comparators
4
_______________________________________________________________________________________
Note 1:
Trip Point is defined as the input voltage required to make the comparator output change state. The difference
between upper (VTRIP+) and lower (VTRIP-) trip points is equal to the width of the input-referred hysteresis zone (VHYST).
Specified for an input common-mode voltage (VCM) of 0V. See Figure 1.
Note 2:
Input Offset Voltage is defined as the center of the input-referred hysteresis zone. Specified for VCM = 0V. See Figure 1.
Note 3:
Inferred from the CMRR test. Note that a correct logic result is obtained at the output, provided that at least one input is
within the VCMR limits. Note also that either or both inputs can be driven to the upper or lower absolute maximum limit with-
out damage to the part.
Note 4:
Tested with V+ = 5.5V (and V- = 0V for MAX909). MAX909 also tested over the full analog input range (i.e., with
V- = -5.5V).
Note 5:
Tested over the full input voltage range (VCMR).
Note 6:
Specified over the full tolerance of operating supply voltage: MAX907/MAX908 tested with 4.5V < V+ < 5.5V. MAX909
tested with 4.5V < V+ < 5.5V and with -5.5V < V- < 0V.
Note 7:
Positive Supply Current specified with the worst-case condition of all outputs at logic low (MAX907/MAX908), and
with V+ = 5.5V.
Note 8:
Typical power specified with V+ = 5V; maximum with V+ = 5.5V (and with V- = -5.5V for MAX909).
Note 9:
Due to difficulties in measuring propagation delay with 5mV of overdrive in automatic test equipment, the
MAX907/MAX908/MAX909 are sample tested to 0.1% AQL with 100mV input overdrive. Correlation tests show that the
specification can be guaranteed if all other DC parameters are within the specified limits. VOS must be added to the over-
drive voltage for low values of overdrive.
Note 10: Differential Propagation Delay is specified as the difference between any two channels in the MAX907/MAX908 (both out-
puts making either a low-to-high or a high-to-low transition).
Note 11: Propagation Delay Skew is specified as the difference between any single channel’s output low-to-high transition (tPD+)
and high-to-low transition (tPD-), and also between the QOUT and QOUT transition on the MAX909.
Note 12: Latch specifications apply to MAX909 only. See Figure 2.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, TA = TMIN to TMAX; MAX909 only: V- = 0V, VLATCH = 0V; unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay
tPD+, tPD-
VIN = 100mV, VOD = 5mV
(Note 9)
45
70
ns
Differential Propagation Delay
∆tPD
VIN = 100mV, VOD = 5mV
(Note 10)
2
ns
Propagation Delay Skew
tPDskew
MAX909 only: VIN = 100mV,
VOD = 5mV (Note 11)
4
ns
Latch Input Voltage High
VIH
(Note 12)
2.0
V
Latch Hold Time
th
(Note 12)
4
ns
Latch Input Voltage Low
VIL
(Note 12)
0.8
V
Latch Input Current
IIH, IIL
(Note 12)
20
µA
Latch Setup Time
ts
(Note 12)
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com