Electronic Components Datasheet Search
  English  ▼

X  

MAX9111ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9111ESA
Description  Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9111ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9111ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX9111/MAX9113 single/dual low-voltage differen-
tial signaling (LVDS) receivers are designed for high-
speed applications requiring minimum power
consumption, space, and noise. Both devices support
switching rates exceeding 500Mbps while operating from
a single +3.3V supply, and feature ultra-low 300ps (max)
pulse skew required for high-resolution imaging applica-
tions such as laser printers and digital copiers.
The MAX9111 is a single LVDS receiver, and the
MAX9113 is a dual LVDS receiver.
Both devices conform to the EIA/TIA-644 LVDS standard
and convert LVDS to LVTTL/CMOS-compatible outputs.
A fail-safe feature sets the outputs high when the inputs
are undriven and open, terminated, or shorted. The
MAX9111/MAX9113 are available in space-saving 8-pin
SOT23 and SO packages. Refer to the MAX9110/
MAX9112 data sheet for single/dual LVDS line drivers.
________________________Applications
Features
o Low 300ps (max) Pulse Skew for High-Resolution
Imaging and High-Speed Interconnect
o Space-Saving 8-Pin SOT23 and SO Packages
o Pin-Compatible Upgrades to DS90LV018A and
DS90LV028A (SO Packages Only)
o Guaranteed 500Mbps Data Rate
o Low 29mW Power Dissipation at 3.3V
o Conform to EIA/TIA-644 Standard
o Single +3.3V Supply
o Flow-Through Pinout Simplifies PC Board Layout
o Fail-Safe Circuit Sets Output High for Undriven
Inputs
o High-Impedance LVDS Inputs when Powered Off
Single/Dual LVDS Line Receivers with
Ultra-Low Pulse Skew in SOT23
________________________________________________________________ Maxim Integrated Products
1
OUT2
GND
OUT1
VCC
IN2+
IN2-
8
7
IN1-
IN1+
6
5
N.C.
GND
N.C.
1
2
8
7
VCC
OUT
IN+
N.C.
IN-
SO
3
4
6
5
OUT2
GND
IN2-
1
2
8
7
VCC
OUT1
IN1+
IN2+
IN1-
SO
3
4
6
5
MAX9113
MAX9113
MAX9111
1
2
8
7
N.C.
IN+
N.C.
IN-
SOT23
SOT23
3
4
6
5
OUT
N.C.
VCC
GND
1
2
3
4
MAX9111
MAX9111
H = LOGIC LEVEL HIGH
L = LOGIC LEVEL LOW
(IN_+) - (IN_-)
≥ 100mV
≥ -100mV
OUT_
H
L
H
H
H
OPEN
SHORT
100
Ω PARALLEL TERMINATION (UNDRIVEN)
Pin Configurations/Functional Diagrams/Truth Table
19-4802; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9111EKA
-40
°C to +85°C
8 SOT23
AAEE
MAX9111ESA
-40
°C to +85°C
8 SO
—
MAX9113EKA
-40
°C to +85°C
8 SOT23
AAED
MAX9113ESA
-40
°C to +85°C
8 SO
—
Laser Printers
Digital Copiers
Cellular Phone
Base Stations
Telecom Switching
Equipment
Network Switches/Routers
LCD Displays
Backplane Interconnect
Clock Distribution
Typical Operating Circuit appears at end of data sheet.


Similar Part No. - MAX9111ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9111ESA MAXIM-MAX9111ESA Datasheet
116Kb / 10P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
MAX9111ESA MAXIM-MAX9111ESA Datasheet
1Mb / 12P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
More results

Similar Description - MAX9111ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9110 MAXIM-MAX9110 Datasheet
193Kb / 8P
Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
Single/Dual LVDS Receivers
logo
Maxim Integrated Produc...
MAX9112EKAT MAXIM-MAX9112EKAT Datasheet
161Kb / 8P
Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9110 MAXIM-MAX9110_V01 Datasheet
1Mb / 9P
Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com