Electronic Components Datasheet Search
  English  ▼

X  

MAX9111ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9111ESA
Description  Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9111ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9111ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual LVDS Line Receivers with
Ultra-Low Pulse Skew in SOT23
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VCC = 3.3V, |VID| = 200mV, VCM = 1.2V, fIN = 200MHz, CL = 15pF, TA = +25°C and over recommended operating conditions unless
otherwise specified.)
3.0
3.2
3.1
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
OUTPUT HIGH VOLTAGE
vs. SUPPLY VOLTAGE
2.5
2.7
2.6
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
IOUT_ = 4mA
3.0
3.2
3.3
3.1
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
130
120
110
100
90
IOUT_ = 4mA
48
58
53
68
63
78
73
83
3.0
3.2
3.3
3.1
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
OUTPUT SHORT-CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
VID = 200mV
14
16
20
18
22
24
3.0
3.2
3.1
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
DIFFERENTIAL THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
HIGH-LOW
LOW-HIGH
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
0
20
10
40
30
50
60
BOTH CHANNELS SWITCHING
ONE SWITCHING
MAX9113 POWER-SUPPLY CURRENT
vs. FREQUENCY
-40
10
-15
35
60
85
TEMPERATURE (
°C)
POWER-SUPPLY CURRENT
vs. TEMPERATURE
6.5
6.7
6.6
6.8
6.9
7.0
7.1
7.2
7.3
7.4
7.5
7.6
7.7
fIN = 1MHz
BOTH CHANNELS SWITCHING
1.50
1.60
1.55
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
3.0
3.1
3.2
3.4
3.3
3.5
3.6
DIFFERENTIAL PROPAGATION DELAY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tPHLD
tPLHD
1.50
1.60
1.55
1.65
1.75
1.70
1.80
1.85
1.90
2.00
1.95
2.05
2.10
2.15
2.20
-40
-15
10
35
60
85
DIFFERENTIAL PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
tPHLD
tPLHD
120
100
80
60
40
3.0
3.3
3.1
3.2
3.4
3.5
3.6
DIFFERENTIAL PULSE SKEW
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com