Electronic Components Datasheet Search
  English  ▼

X  

MAX9111ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9111ESA
Description  Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9111ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9111ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 9Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single/Dual LVDS Line Receivers with
Ultra-Low Pulse Skew in SOT23
6
_______________________________________________________________________________________
1.0
1.6
1.4
1.2
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
1000
500
1500
2000
2500
DIFFERENTIAL PROPAGATION DELAY
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mV)
fIN = 20MHz
tPHLD
tPLHD
0
50
150
100
200
250
-40
10
-15
35
60
85
TEMPERATURE (
°C)
DIFFERENTIAL PULSE SKEW
vs. TEMPERATURE
1.6
1.8
1.7
2.0
1.9
2.1
2.2
0
1.0
1.5
0.5
2.0
2.5
3.0
DIFFERENTIAL PROPAGATION DELAY
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
tPHLD
tPLHD
fIN = 20MHz
330
430
380
530
480
630
580
680
-40
10
-15
356085
TEMPERATURE (
°C)
TRANSITION TIME vs. TEMPERATURE
tTHL
tTLH
1.5
1.9
1.7
2.3
2.1
2.5
2.7
2.9
3.1
10
20
25
15
30
35
40
45
50
LOAD (pF)
tPHLD
DIFFERENTIAL PROPAGATION DELAY
vs. LOAD
tPLHD
Typical Operating Characteristics (continued)
200
600
1000
1400
1800
2200
10
20
15
25
30
35
40
45
50
TRANSITION TIME vs. LOAD
LOAD (pF)
tTHL
tTLH
(VCC = 3.3V, |VID| = 200mV, VCM = 1.2V, fIN = 200MHz, CL = 15pF, TA = +25°C and over recommended operating conditions,
unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com