Electronic Components Datasheet Search
  English  ▼

X  

MAX9111ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9111ESA
Description  Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9111ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9111ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single/Dual LVDS Line Receivers with
Ultra-Low Pulse Skew in SOT23
_______________________________________________________________________________________
3
SWITCHING CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Notes 4, 5, 6)
Note 1: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are production
tested at
TA = +25°C.
Note 2: Current into the device is defined as positive. Current out of the devices is defined as negative. All voltages are referenced
to ground except VTH and VTL.
Note 3: Guaranteed by design, not production tested.
Note 4: AC parameters are guaranteed by design and characterization.
Note 5: CL includes probe and test jig capacitance.
Note 6: fMAX generator output conditions: tR = tF < 1ns (0% to 100%), 50% duty cycle, VOH = 1.3V, VOL = 1.1V.
Note 7: tSKD1 is the magnitude difference of differential propagation delays in a channel. tSKD1 = |tPLHD - tPHLD|.
Note 8: tSKD2 is the magnitude difference of the tPLHD or tPHLD of one channel and the tPLHD or tPHLD of the other channel on the
same device.
Note 9: tSKD3 is the magnitude difference of any differential propagation delays between devices at the same VCC and within 5
°C
of each other.
Note 10: tSKD4, is the magnitude difference of any differential propagation delays between devices operating over the rated supply
and temperature ranges.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Propagation Delay
High to Low
tPHLD
1
1.77
2.5
ns
Differential Propagation Delay
Low to High
tPLHD
1
1.68
2.5
ns
Differential Pulse Skew
|tPLHD –tPHLD| (Note 7)
tSKD1
90
300
ps
Differential Channel-to-Channel
Skew; Same Device
(MAX9113 only) (Note 8)
tSKD2
140
400
ps
Differential Part-to-Part Skew
(Note 9)
tSKD3
1ns
Differential Part-to-Part Skew
(MAX9113 only) (Note 10)
tSKD4
1.5
ns
Rise Time
tTLH
0.6
0.8
ns
Fall Time
tTHL
CL = 15pF, VID =
±200mV, VCM = 1.2V,
Figures 1, 2
0.6
0.8
ns
Maximum Operating Frequency
fMAX
All channels switching, CL =15pF,
VOL (max) = 0.4V, VOH (min) = 2.7V,
40% < duty cycle < 60% (Note 6)
250
300
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com