Electronic Components Datasheet Search
  English  ▼

X  

MAX921 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX921
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX921 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX921 Datasheet HTML 4Page - Maxim Integrated Products MAX921 Datasheet HTML 5Page - Maxim Integrated Products MAX921 Datasheet HTML 6Page - Maxim Integrated Products MAX921 Datasheet HTML 7Page - Maxim Integrated Products MAX921 Datasheet HTML 8Page - Maxim Integrated Products MAX921 Datasheet HTML 9Page - Maxim Integrated Products MAX921 Datasheet HTML 10Page - Maxim Integrated Products MAX921 Datasheet HTML 11Page - Maxim Integrated Products MAX921 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX921–MAX924 comprise various combinations
of a micropower 1.182V reference and a micropower
comparator. The
Typical Operating Circuit shows the
MAX921 configuration, and Figures 1a-1c show the
MAX922–MAX924 configurations.
Each comparator continuously sources up to 40mA,
and the unique output stage eliminates crowbar
glitches during output transitions. This makes them
immune to parasitic feedback (which can cause
instability) and provides excellent performance, even
when circuit-board layout is not optimal.
Internal hysteresis in the MAX921 and MAX923 provides
the easiest method for implementing hysteresis. It also
produces faster hysteresis action and consumes much
less current than circuits using external positive feedback.
Power-Supply and Input Signal Ranges
This family of devices operates from a single +2.5V to
+11V power supply. The MAX921 and MAX924 have a
separate ground for the output driver, allowing
operation with dual supplies ranging from ±1.25V to
±5.5V. Connect V- to GND when operating the
MAX921 and the MAX924 from a single supply. The
maximum supply voltage in this case is still 11V.
For proper comparator operation, the input signal can
swing from the negative supply (V-) to within one volt of
the positive supply (V+ – 1V). The guaranteed
common-mode input voltage range extends from V- to
(V+ - 1.3V). The inputs can be taken above and below
the supply rails by up to 300mV without damage.
Operating the MAX921 and MAX924 at ±5V provides
TTL/CMOS compatibility when monitoring bipolar input
signals. TTL compatibility for the MAX922 and MAX923
is achieved by operation from a single +5V supply.
Low-Voltage Operation: V+ = 1V (MAX924 Only)
The guaranteed minimum operating voltage is 2.5V (or
±1.25V). As the total supply voltage is reduced below
2.5V, the performance degrades and the supply
current falls. The reference will not function below
OUTA
V-
INA+
INA-
OUTB
V+
INB+
INB-
MAX922
1
2
3
4
8
7
6
5
Figure 1a. MAX922 Functional Diagram
OUTA
V-
INA+
INB-
OUTB
V+
REF
HYST
MAX923
1
2
3
4
8
7
6
5
V-
Figure 1b. MAX923 Functional Diagram
OUTA
V+
INA-
INA+
OUTD
GND
IND+
IND-
MAX924
2
3
4
5
15
14
13
12
16
11
10
9
1
6
7
8
OUTB
INB-
INB+
REF
OUTC
INC+
INC-
V-
Figure 1c. MAX924 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com