Electronic Components Datasheet Search
  English  ▼

X  

MAX921 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX921
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX921 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX921 Datasheet HTML 8Page - Maxim Integrated Products MAX921 Datasheet HTML 9Page - Maxim Integrated Products MAX921 Datasheet HTML 10Page - Maxim Integrated Products MAX921 Datasheet HTML 11Page - Maxim Integrated Products MAX921 Datasheet HTML 12Page - Maxim Integrated Products MAX921 Datasheet HTML 13Page - Maxim Integrated Products MAX921 Datasheet HTML 14Page - Maxim Integrated Products MAX921 Datasheet HTML 15Page - Maxim Integrated Products MAX921 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
14
______________________________________________________________________________________
1
2
3
4
8
7
6
5
OUT
V+
REF
HYST
IN-
IN+
V-
GND
MAX921
DIP/SO/
µMAX
TOP VIEW
1
2
3
4
8
7
6
5
OUTB
V+
INB+
INB-
INA-
INA+
V-
OUTA
MAX922
DIP/SO/
µMAX
1
2
3
4
8
7
6
5
OUTB
V+
REF
HYST
INB-
INA+
V-
OUTA
MAX923
DIP/SO/
µMAX
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTC
OUTD
GND
IND+
INA-
V+
OUTA
OUTB
MAX924
IND-
INC+
INC-
V-
REF
INB+
INB-
INA+
DIP/Narrow SO
PART
TEMP. RANGE
PIN-PACKAGE
MAX922CPA
0°C to +70°C
8 Plastic DIP
MAX922CSA
0°C to +70°C
8 SO
MAX922C/D
0°C to +70°C
Dice*
MAX922EPA
-40°C to +85°C
8 Plastic DIP
MAX922ESA
-40°C to +85°C
8 SO
MAX922MJA
-55°C to +125°C
8 CERDIP**
_________________Pin Configurations
_Ordering Information (continued)
MAX923CPA
0°C to +70°C
8 Plastic DIP
MAX923CSA
0°C to +70°C
8 SO
MAX923C/D
0°C to +70°C
Dice*
MAX923EPA
-40°C to +85°C
8 Plastic DIP
MAX923ESA
-40°C to +85°C
8 SO
MAX923MJA
-55°C to +125°C
8 CERDIP**
MAX924CPE
0°C to +70°C
16 Plastic DIP
MAX924CSE
0°C to +70°C
16 Narrow SO
MAX924C/D
0°C to +70°C
Dice*
MAX924EPE
-40°C to +85°C
16 Plastic DIP
MAX924ESE
-40°C to +85°C
16 Narrow SO
MAX924MJE
-55°C to +125°C
16 CERDIP**
*
Dice are tested at TA = +25°C, DC parameters only.
** Contact factory for availability and processing to MIL-STD-883.
MAX922CUA
0°C to +70°C
8 µMAX
MAX923CUA
0°C to +70°C
8 µMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com