Electronic Components Datasheet Search
  English  ▼

X  

MAX921 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX921
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX921 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX921 Datasheet HTML 3Page - Maxim Integrated Products MAX921 Datasheet HTML 4Page - Maxim Integrated Products MAX921 Datasheet HTML 5Page - Maxim Integrated Products MAX921 Datasheet HTML 6Page - Maxim Integrated Products MAX921 Datasheet HTML 7Page - Maxim Integrated Products MAX921 Datasheet HTML 8Page - Maxim Integrated Products MAX921 Datasheet HTML 9Page - Maxim Integrated Products MAX921 Datasheet HTML 10Page - Maxim Integrated Products MAX921 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
7
PIN
–
–
6
–
MAX921
MAX922
MAX923
NAME
FUNCTION
–
5
4
INB-
Inverting input of comparator B
INB+
5
5
HYST
Hysteresis input. Connect to REF if not used. Input voltage range is from
VREF to VREF - 50mV.
6
–
6
REF
Reference output. 1.182V with respect to V-.
Noninverting input of comparator B
7
7
7
V+
Positive supply
8
–
–
OUT
Comparator output. Sinks and sources current. Swings from V+ to GND.
–
8
8
OUTB
Comparator B output. Sinks and sources current. Swings from V+ to V-.
_______________________________________________Pin Descriptions (continued)
PIN
MAX924
NAME
FUNCTION
1
OUTB
Comparator B output. Sinks and sources current. Swings from V+ to GND.
2
OUTA
Comparator A output. Sinks and sources current. Swings from V+ to GND.
3
V+
Positive supply
4
INA-
Inverting input of comparator A
5
INA+
Noninverting input of comparator A
6
INB-
Inverting input of comparator B
7
INB+
Noninverting input of comparator B
8
REF
Reference output. 1.182V with respect to V-.
9
V-
Negative supply. Connect to ground for single-supply operation.
10
INC-
Inverting input of comparator C
11
INC+
Noninverting input of comparator C
12
IND-
Inverting input of comparator D
13
IND+
Noninverting input of comparator D
14
GND
Ground. Connect to V- for single-supply operation.
15
OUTD
Comparator D output. Sinks and sources current. Swings from V+ to GND.
16
OUTC
Comparator C output. Sinks and sources current. Swings from V+ to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com