Electronic Components Datasheet Search
  English  ▼

X  

MAX921 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX921
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX921 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX921 Datasheet HTML 1Page - Maxim Integrated Products MAX921 Datasheet HTML 2Page - Maxim Integrated Products MAX921 Datasheet HTML 3Page - Maxim Integrated Products MAX921 Datasheet HTML 4Page - Maxim Integrated Products MAX921 Datasheet HTML 5Page - Maxim Integrated Products MAX921 Datasheet HTML 6Page - Maxim Integrated Products MAX921 Datasheet HTML 7Page - Maxim Integrated Products MAX921 Datasheet HTML 8Page - Maxim Integrated Products MAX921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX921–MAX924 single, dual, and quad micro-
power, low-voltage comparators feature the lowest
power consumption available. These comparators draw
less than 4µA supply current over temperature
(MAX921/MAX922), and include an internal 1.182V
±1% voltage reference, programmable hysteresis, and
TTL/CMOS outputs that sink and source current.
Ideal for 3V or 5V single-supply applications, the
MAX921–MAX924 operate from a single +2.5V to +11V
supply (or a ±1.25V to ±5V dual supply), and each
comparator’s input voltage range swings from the
negative supply rail to within 1.3V of the positive
supply.
The MAX921–MAX924’s unique output stage con-
tinuously sources as much as 40mA. And by eliminating
power-supply glitches that commonly occur when com-
parators change logic states, the MAX921–MAX924
minimize parasitic feedback, which makes them easier to
use.
The single MAX921 and dual MAX923 provide a unique
and simple method for adding hysteresis without
feedback and complicated equations, simply by using
the HYST pin and two resistors.
________________________Applications
Battery-Powered Systems
Threshold Detectors
Window Comparators
Oscillator Circuits
____________________________Features
o µMAX Package—Smallest 8-Pin SO
(MAX921/MAX922/MAX923)
o Ultra-Low 4µA Max Quiescent Current
Over Extended Temp. Range (MAX921)
o Power Supplies:
Single +2.5V to +11V
Dual ±1.25V to ±5.5V
o Input Voltage Range Includes Negative Supply
o Internal 1.182V ±1% Bandgap Reference
o Adjustable Hysteresis
o TTL/CMOS-Compatible Outputs
o 12µs Propagation Delay (10mV Overdrive)
o No Switching Crowbar Current
o 40mA Continuous Source Current
______________Ordering Information
Ordering Information continued at end of data sheet.
*
Dice are tested at TA = +25°C, DC parameters only.
** Contact factory for availability and processing to MIL-STD-883.
Ultra Low-Power,
Single/Dual-Supply Comparators
________________________________________________________________
Maxim Integrated Products
1
MAX921
OUT
IN+
HYST
REF
V-
GND
V+
21
4
5
6
8
3
7
IN-
THRESHOLD DETECTOR
VIN
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0115; Rev 3; 3/95
PART
TEMP. RANGE
PIN-PACKAGE
MAX921CPA
0°C to +70°C
8 Plastic DIP
MAX921CSA
0°C to +70°C
8 SO
MAX921C/D
0°C to +70°C
Dice*
MAX921
Yes
1
Yes
8-Pin
DIP/SO/µMAX
MAX922
No
2
No
8-Pin
DIP/SO/µMAX
MAX923
Yes
2
Yes
8-Pin
DIP/SO/µMAX
MAX924
Yes
4
No
16-Pin
DIP/SO/µMAX
MAX921EPA
-40°C to +85°C
8 Plastic DIP
MAX921ESA
-40°C to +85°C
8 SO
MAX921MJA
-55°C to +125°C
8 CERDIP**
MAX921CUA
0°C to +70°C
8 µMAX


Similar Part No. - MAX921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX9210 MAXIM-MAX9210 Datasheet
904Kb / 18P
Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210 Datasheet
194Kb / 17P
Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9210 MAXIM-MAX9210 Datasheet
1Mb / 17P
Programmable DC-Balance 21-Bit Deserializers
2014
MAX9210ETM MAXIM-MAX9210ETM Datasheet
904Kb / 18P
Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
More results

Similar Description - MAX921

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com