Electronic Components Datasheet Search
  English  ▼

X  

MAX9321 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9321
Description  Differential LVPECL/LVECL/HSTL Receiver/Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9321 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9321 Datasheet HTML 1Page - Maxim Integrated Products MAX9321 Datasheet HTML 2Page - Maxim Integrated Products MAX9321 Datasheet HTML 3Page - Maxim Integrated Products MAX9321 Datasheet HTML 4Page - Maxim Integrated Products MAX9321 Datasheet HTML 5Page - Maxim Integrated Products MAX9321 Datasheet HTML 6Page - Maxim Integrated Products MAX9321 Datasheet HTML 7Page - Maxim Integrated Products MAX9321 Datasheet HTML 8Page - Maxim Integrated Products MAX9321 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX9321/MAX9321A are low-skew differential
receiver/drivers designed for clock and data distribu-
tion. The differential input can be adapted to accept a
single-ended input by connecting the on-chip VBB sup-
ply to an input as a reference voltage.
The MAX9321/MAX9321A feature ultra-low propagation
delay (172ps) and part-to-part skew (20ps) with 24mA
maximum supply current, making these devices ideal
for clock buffering or repeating. For interfacing to differ-
ential HSTL and LVPECL signals, these devices oper-
ate over a +2.25V to +3.8V supply range, allowing
high-performance clock and data distribution in sys-
tems with a nominal +2.5V or +3.3V supply. For differ-
ential LVECL operation, these devices operate from a
-2.25V to -3.8V supply. Multiple pinouts are provided to
simplify routing across a backplane to either side of a
double-sided board.
Both devices are offered in space-saving 8-pin SOT23,
SO, and µMAX packages.
Applications
Precision Clock Buffers
Low-Jitter Data Repeaters
Features
o Improved Second Source of the MC10LVEP16
(MAX9321)
o +2.25V to +3.8V Differential HSTL/LVPECL
Operation
o -2.25V to -3.8V Differential LVECL Operation
o Low 17mA Supply Current
o 20ps Part-to-Part Skew
o 172ps Propagation Delay
o Minimum 300mV Output at 3GHz
o Output Low for Open Input
o ESD Protection >2kV (Human Body Model)
o On-Chip Reference for Single-Ended Input
o Available in Thermally Enhanced Exposed-Pad
SO Package
Differential LVPECL/LVECL/HSTL
Receiver/Drivers
________________________________________________________________ Maxim Integrated Products
1
SOT23
6
µMAX/SO
N.C. 1
2
3
4
8
Q
5 VEE
7 Q
VCC
MAX9321
VBB
D
6
D
D
VCC
D
1
2
3
4
8
N.C.
5 VBB
7 Q
VEE
Q
MAX9321
60k
Ω
60k
Ω
100k
Ω
100k
Ω
100k
Ω
100k
Ω
VCC
VCC
VEE
Pin Configurations
19-2152; Rev 2; 11/02
Ordering Information
*Future product—contact factory for availability.
**EP = Exposed pad.
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9321EKA-T
-40°C to +85°C
8 SOT23-8
AALK
MAX9321EUA*
-40°C to +85°C
8 µMAX
—
MAX9321ESA
-40°C to +85°C
8 SO
—
MAX9321AEKA-T
-40°C to +85°C
8 SOT23-8
AAIX
MAX9321AEUA*
-40°C to +85°C
8 µMAX
—
MAX9321AESA
-40°C to +85°C
8 SO-EP**
—
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX9321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
MAX9321BESA MAXIM-MAX9321BESA Datasheet
107Kb / 7P
Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results

Similar Description - MAX9321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com